Electronic Components Datasheet Search
  English  ▼

X  

2N7000 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 2N7000
Description  N-Channel 60-V (D-S) MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

2N7000 Datasheet(HTML) 4 Page - Vishay Siliconix

  2N7000 Datasheet HTML 1Page - Vishay Siliconix 2N7000 Datasheet HTML 2Page - Vishay Siliconix 2N7000 Datasheet HTML 3Page - Vishay Siliconix 2N7000 Datasheet HTML 4Page - Vishay Siliconix 2N7000 Datasheet HTML 5Page - Vishay Siliconix 2N7000 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2N7000/2N7002, VQ1000J/P, BS170
Vishay Siliconix
www.vishay.com
11-4
Document Number: 70226
S-04279—Rev. F, 16-Jul-01
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
Capacitance
On-Resistance vs. Drain Current
0.0
0.2
0.4
0.6
0.8
1.0
0123456
0.0
0.2
0.4
0.6
0.8
1.0
0
123
4567
8
Output Characteristics
Transfer Characteristics
VDS – Drain-to-Source Voltage (V)
VGS = 10, 9, 8, 7 V
6.5 V
VGS – Gate-to-Source Voltage (V)
TJ = –55
_C
25
_C
125
_C
6 V
5.5 V
5 V
4.5 V
4 V
3.5 V
3 V
2.5 V
2, 1 V
0
4
8
12
16
20
0
400
800
1200
1600
2000
2400
0.0
0.5
1.0
1.5
2.0
–55
–30
–5
20
45
70
95
120
145
0
1
2
3
4
5
6
7
0.0
0.2
0.4
0.6
0.8
1.0
0
10
20
30
40
50
60
0
5
10
15
20
25
30
35
Gate Charge
Qg – Total Gate Charge (pC)
VDS – Drain-to-Source Voltage (V)
Crss
Coss
Ciss
ID = 0.5 A
ID – Drain Current (A)
On-Resistance vs. Junction Temperature
VGS = 10 V, rDS @ 0.5 A
TJ – Junction Temperature (_C)
rDS @ 10 V = VGS
rDS @ 5 V = VGS
VGS = 5 V, rDS @ 0.05 A
VGS = 0 V
f = 1 MHz
VDS = 30 V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com