Electronic Components Datasheet Search
  English  ▼

X  

SABMB16 Datasheet(PDF) 1 Page - Advanced Linear Devices

Part # SABMB16
Description  4-CHANNEL SUPERCAPACITOR AUTO BALANCING PCB
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

SABMB16 Datasheet(HTML) 1 Page - Advanced Linear Devices

  SABMB16 Datasheet HTML 1Page - Advanced Linear Devices SABMB16 Datasheet HTML 2Page - Advanced Linear Devices SABMB16 Datasheet HTML 3Page - Advanced Linear Devices SABMB16 Datasheet HTML 4Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2021 Advanced Linear Devices, Inc., Vers. 1.2
www.aldinc.com
1 of 4
e
EPAD
TM
®
N A
B L
E D
E
ADVANCED
LINEAR
DEVICES, INC.
GENERAL DESCRIPTION
The SABMB16 is a 4-channel universal Printed Circuit Board
(PCB) designed to be used with the entire ALD8100XX and
ALD9100XX family of SAB™ MOSFETs for system designers and
application developers. SAB MOSFETs are exclusive EPAD®
MOSFETs that address leakage and voltage balance of
supercapacitor cells connected in series. Imbalance of leakage
currents, although much smaller in magnitude than charging or
discharging currents, need to be balanced, as leakage currents
are long-term DC values that integrate and accumulate over time.
SAB MOSFETs and the SABMB16 boards are compact,
economical and effective in balancing any size supercapacitors
with little or no additional power dissipation. Each SABMB16 can
balance two to four supercapacitors in a series stack. These boards
can be cascaded to balance multiple series stacks of up to four
supercapacitors each.
The SABMB16 is a simple, out-of-the-box plug-and-play PCB
solution for development, prototyping, demonstration and
evaluation, or production deployment. It is suited for balancing
supercapacitor stacks ranging from two in series to hundreds in
series, and for supercapacitors of 0.1F to 3000F and beyond. The
average additional power dissipation due to use of SABMB boards
is zero, which makes this method of supercapacitor balancing
very energy efficient. It is especially suited for low loss energy
harvesting and long life battery operated applications.
Supercapacitors, also known as ultracapacitors, when connected
two, three or four cells in series can be balanced with ALD8100XX/
ALD9100XX packages installed on the SABMB16 board.
Supercapacitors, when connected more than four cells in series,
can be balanced with more than one SABMB16 board (each with
ALD8100XX/ALD9100XX packages installed).
SABMB16 is a blank PCB, ready for either ALD8100XX or
ALD9100XX to be installed. For example, SABMB810025 is a
SABMB16 board with one ALD810025SCLI installed and tested.
SABMB910025 is a SABMB16 board with two ALD910025SALI
installed and tested. These are rated for industrial tempurature of
-40°C to +85°C.
The SABMB16 board includes the following features for flexibility
in a variety of different applications:
1)
Two ALD9100XX dual or one ALD8100XX quad SAB
MOSFET units installed per board.
2)
Two ALD9100XX and one ALD8100XX can be installed
on the same SABMB16 board. The two ALD9100XX are
connected in series, whereas the ALD8100XX is
connected in parallel to the two ALD9100XX units.
3)
Optional R1 and R2 resistors can be installed with values
ranging from open circuit to 0.0Ω.
4)
Optional reverse biased external clamping power diodes
(schottky rectifiers) can be installed, on board where
necessary, across each SAB MOSFET.
5)
Multiple SABMB16 PCBs can be cascaded to form a
series chain, paralleling a series-connected chain of
supercapacitor cells.
6)
Compact size of 0.6 in. by 1.6 in. with mounting holes.
7)
Rated for RoHS compatible/industrial temperature range
of -40°C to +85°C.
SABMB16 / SABMB810025
SABMB910025 / SABMB8100XX / SABMB9100XX
4-CHANNEL SUPERCAPACITOR AUTO BALANCING PCB
* Magnified, not to scale
MECHANICAL DRAWING
Part Number
Decription
SABMB16
Blank Universal PCB
SABMB810025
SABMB16 Board with one ALD810025SCLI
SABMB910025
SABMB16 Board with two ALD910025SALI
SABMB8100XX
SABMB16 Board with one ALD8100XXSCLI
SABMB9100XX
SABMB16 Board with two ALD9100XXSALI
Note: SABMB8100XX/SABMB9100XX are optional with
specific ALD8100XXSCLI or ALD9100XXSALI unit(s) installed.
XX = 16, 17, 18, 19, 20, 21, 22, 23, 24, 25, 26, 27, 28, 29, 30.
See page 4 for full listing of part numbers.
ORDERING INFORMATION
A
A
B
B
C
C
D
D
E
E
V+
R1
R2
U3
U2
V-
1600 mil
600 mil


Similar Part No. - SABMB16

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
SABMB16 ALD-SABMB16 Datasheet
92Kb / 4P
SUPERCAPACITOR AUTO BALANCING PCB
SABMB16 ALD-SABMB16 Datasheet
83Kb / 4P
4-CHANNEL SUPERCAPACITOR AUTO BALANCING PCB
SABMB16 ALD-SABMB16_18 Datasheet
83Kb / 4P
4-CHANNEL SUPERCAPACITOR AUTO BALANCING PCB
More results

Similar Description - SABMB16

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD810023 ALD-ALD810023 Datasheet
523Kb / 17P
QUAD SUPERCAPACITOR AUTO BALANCING (SAB?? MOSFET ARRAY
ALD8100XX ALD-ALD8100XX Datasheet
550Kb / 17P
SUPERCAPACITOR AUTO BALANCING (SAB) MOSFET ARRAYS
SABMB16 ALD-SABMB16 Datasheet
92Kb / 4P
SUPERCAPACITOR AUTO BALANCING PCB
SABMB2 ALD-SABMB2 Datasheet
56Kb / 4P
2-CHANNEL SUPERCAPACITOR AUTO BALANCING PCB
SABMB16 ALD-SABMB16_18 Datasheet
83Kb / 4P
4-CHANNEL SUPERCAPACITOR AUTO BALANCING PCB
SABMB2 ALD-SABMB2_V01 Datasheet
432Kb / 4P
2-CHANNEL SUPERCAPACITOR AUTO BALANCING PCB
2021
SABMB6 ALD-SABMB6 Datasheet
455Kb / 4P
6-CHANNEL SUPERCAPACITOR AUTO BALANCING PCB
2021
ALD810024 ALD-ALD810024 Datasheet
449Kb / 6P
QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB?? MOSFET ARRAY
2014
ALD810025 ALD-ALD810025 Datasheet
449Kb / 6P
QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB?? MOSFET ARRAY
2014
ALD810027 ALD-ALD810027 Datasheet
449Kb / 6P
QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB?? MOSFET ARRAY
2014
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com