Electronic Components Datasheet Search
  English  ▼

X  

DLFP Datasheet(PDF) 2 Page - Schurter Inc.

Part # DLFP
Description  Linear/Saturating Choke
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

DLFP Datasheet(HTML) 2 Page - Schurter Inc.

  DLFP Datasheet HTML 1Page - Schurter Inc. DLFP Datasheet HTML 2Page - Schurter Inc. DLFP Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Suppression Chokes
DLFP
https://www.schurter.com /PG81_82
EMC Products
Dimension [mm]
Case 25W
3.5
40
32
30.8
200
10...20
(0.8)
4.8
Case 47W
3.3
50
40
45.8
200
10...20
(0.8)
5.8
Case 32W
4.3
80
65
70.8
200
10...20
(0.8)
6.8



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com