Electronic Components Datasheet Search
  English  ▼

X  

AD7380 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7380
Description  Differential Input, Quad, Internal Reference Simultaneous Sampling, 16-Bit SAR ADC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7380 Datasheet(HTML) 1 Page - Analog Devices

  AD7380 Datasheet HTML 1Page - Analog Devices AD7380 Datasheet HTML 2Page - Analog Devices AD7380 Datasheet HTML 3Page - Analog Devices AD7380 Datasheet HTML 4Page - Analog Devices AD7380 Datasheet HTML 5Page - Analog Devices AD7380 Datasheet HTML 6Page - Analog Devices AD7380 Datasheet HTML 7Page - Analog Devices AD7380 Datasheet HTML 8Page - Analog Devices AD7380 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Differential Input, Quad, Internal Reference
Simultaneous Sampling, 16-Bit SAR ADC
Data Sheet
AD7389-4
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rights of third parties that may result from its use. Specifications subject to change without notice.
No license is granted by implication or otherwise under any patent or patent rights of Analog
Devices.Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2022 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
16-bit ADC family
Quad simultaneous sampling
Fully differential analog inputs
Wide common-mode range
High throughput rate: 2 MSPS
Buffered 2.5 V internal voltage reference (10 ppm/°C)
On-chip oversampling function
INL (maximum): 2 LSBs
SNR (typical)
90.5 dB at VREF = 2.5 V
97.9 dB at RES = 1, OSR = 8× rolling average oversampling
2-bit resolution boost
Out of range indicator (ALERT)
High-speed serial interface
−40°C to +125°C operation
4 mm × 4 mm, 24-lead LFCSP
APPLICATIONS
Motor control position feedback
Motor control current sense
Data acquisition systems
Erbium doped fiber amplifier (EDFA) applications
In phase and quadrature demodulation
FUNCTIONAL BLOCK DIAGRAM
LDO
REF
OVERSAMPLING
OSC
VCC
VLOGIC
SDOA
SDOB
SDOC
SDOD/
ALERT
SCLK
SDI
CS
GND
GND
REFCAP
REGCAP
AINA–
AINA+
AINB–
AINB+
AINC–
AINC+
AIND–
AIND+
REFGND
ADC A
ADC B
ADC C
ADC D
REFOUT
OVERSAMPLING
INTERFACE
AND
CONTROL
LOGIC
OVERSAMPLING
OVERSAMPLING
AD7389-4
Figure 1.
GENERAL DESCRIPTION
The AD7389-4 a 16-bit, quad, simultaneous sampling, high
speed, successive approximation register (SAR), analog-to-digital
converter (ADC) that operates from a 3.0 V to 3.6 V power
supply and features throughput rates up to 2 MSPS. The analog
input type is differential, accepts a wide common-mode input
voltage, and the analog inputs are sampled and converted on
the falling edge of CS.
The AD7389-4 has on-chip oversampling blocks to improve
dynamic range and reduce noise at lower bandwidths. The
oversampling can boost up to two bits of added resolution. A
buffered internal 2.5 V reference (10 ppm/°C) is included.
The conversion process and data acquisition use standard
control inputs allowing for easy interfacing to microprocessors
or digital signal processors (DSPs). The conversion result can
clock out simultaneously via 4-wire mode for faster throughput or
via 1-wire serial mode when slower throughput is allowed. The
device is compatible with 1.8 V, 2.5 V, and 3.3 V interfaces,
using the separate logic supply.
The AD7389-4 is available in a 24-lead lead frame chip scale
package (LFCSP) with operation specified from −40°C to +125°C.
Table 1. Related Devices
No. of
Channels
Input Type
16 Bits
14 Bits
12 Bits
4
Differential
AD7380-4
AD7381-4
AD7389-4
2
Differential
AD7380
AD7381
AD4680
AD4681
Single-ended
AD7386
AD7387
AD7388
PRODUCT HIGHLIGHTS
1.
Quad simultaneous sampling and conversion.
2.
Pin-compatible product family.
3.
High throughput rate, 2 MSPS at 16-bit.
4.
Space-saving, 4 mm × 4 mm LFCSP.
5.
Integrated oversampling block to increase dynamic range,
reduce noise and reduce SCLK speed requirements.
6.
Differential analog inputs with wide common-mode range.
7.
Small sampling capacitor reduces amplifier drive burden.


Similar Part No. - AD7380

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7380 AD-AD7380 Datasheet
699Kb / 31P
Dual, Simultaneous Sampling SAR ADCs, Differential Inputs
1/2019-Revision 0
AD7380 AD-AD7380 Datasheet
2Mb / 28P
1nV/?숰z 420MHz GBW, 180V/關s, Low Distortion Rail-to-Rail Output Op Amps
AD7380 AD-AD7380 Datasheet
427Kb / 29P
Differential Inputs, 1 MSPS/500 kSPS, Dual Simultaneous Sampling SAR ADCs
10/2020-Revision 0
AD7380 AD-AD7380 Datasheet
656Kb / 30P
Pseudo Differential Input, 1 MSPS/500 kSPS, Dual, Simultaneous Sampling, 16-Bit, SAR ADCs
10/2020-Revision 0
AD7380 AD-AD7380 Datasheet
665Kb / 31P
Differential Input, Quad, External Reference Simultaneous Sampling, 16-Bit, SAR ADC
1/2022-Revision 0
More results

Similar Description - AD7380

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7357 AD-AD7357 Datasheet
196Kb / 17P
Differential Input,Dual,Simultaneous Sampling, 4.25 MSPS, 14-Bit, SAR ADC
Rev. PrD
AD7352 AD-AD7352 Datasheet
518Kb / 20P
Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. 0
AD7356 AD-AD7356_08 Datasheet
531Kb / 20P
Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. 0
AD7357 AD-AD7357_08 Datasheet
398Kb / 20P
Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
Rev. PrF
AD7356 AD-AD7356_15 Datasheet
636Kb / 21P
Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. A
AD7357 AD-AD7357_15 Datasheet
623Kb / 21P
Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
REV. B
AD7380-4 AD-AD7380-4 Datasheet
665Kb / 31P
Differential Input, Quad, External Reference Simultaneous Sampling, 16-Bit, SAR ADC
1/2022-Revision 0
AD7381-4 AD-AD7381-4 Datasheet
638Kb / 31P
Differential Input, Quad,14-Bit, Simultaneous Sampling, SAR ADC
1/2022-Revision 0
AD7383-4 AD-AD7383-4 Datasheet
1Mb / 33P
Pseudo Differential Input, Quad, 4 MSPS Simultaneous Sampling, 16-Bit/14-Bit, SAR ADC
Rev. 0
AD7386-4 AD-AD7386-4 Datasheet
1Mb / 36P
Single-Ended Input, Quad, Simultaneous Sampling, 16-Bit/14-Bit/12-Bit, SAR ADC
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com