Electronic Components Datasheet Search
  English  ▼

X  

AD4681 Datasheet(PDF) 18 Page - Analog Devices

Part # AD4681
Description  Differential Input, Quad, Internal Reference Simultaneous Sampling, 16-Bit SAR ADC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4681 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD4681 Datasheet HTML 14Page - Analog Devices AD4681 Datasheet HTML 15Page - Analog Devices AD4681 Datasheet HTML 16Page - Analog Devices AD4681 Datasheet HTML 17Page - Analog Devices AD4681 Datasheet HTML 18Page - Analog Devices AD4681 Datasheet HTML 19Page - Analog Devices AD4681 Datasheet HTML 20Page - Analog Devices AD4681 Datasheet HTML 21Page - Analog Devices AD4681 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
AD7389-4
Data Sheet
Rev. 0 | Page 18 of 31
Rolling Average Oversampling
Rolling average oversampling mode can be used in applications
where higher output data rates are required and where a higher
SNR or dynamic range is desirable. Rolling averaging involves
taking a number of samples, adding them together, and
dividing the result by the number of samples taken. This result
is then output from the device. The sample data is not cleared
when the process completes. The rolling oversampling mode
uses a first in, first out (FIFO) buffer of the most recent samples
in the averaging calculation, allowing the ADC throughput rate
and output data rate to stay the same.
Rolling average oversampling mode is configured by setting the
OS_MODE bit to Logic 1 and having a valid nonzero value in
the OSR bits. The oversampling ratio of the digital filter is
controlled using the oversampling bits, OSR (see Table 12).
Table 12 provides the oversampling bit decoding to select the
different oversample rates. The output result is decimated to
16-bit resolution for the AD7389-4. If required, additional
resolution can be achieved by configuring the resolution boost
bit in the Configuration 1 register. See the Resolution Boost
section for further details.
In rolling average oversampling mode, all ADC conversions are
controlled and initiated by the falling edge of CS. When a
conversion is complete, the result is loaded into the FIFO. The
FIFO length is 8, regardless of the oversampling ratio set. The
FIFO is filled on the first conversion after a power-on reset
(POR), on the first conversion after a software controlled hard
or soft reset. A new conversion result is shifted into the FIFO
on completion of every ADC conversion regardless of the status
of the OSR bits and the OS_MODE bit. This conversion allows
a seamless transition from no oversampling to rolling average
oversampling, or different rolling average oversampling ratios
without waiting for the FIFO to fill.
The number of samples, n, defined by the OSR bits are taken
from the FIFO, added together and the result is divided by n.
Table 12. Rolling Average Oversampling Overview
OSR, Bits[2:0]
OS Ratio
SNR with 2.5 V Internal Reference (dB Typical)
RES = 0
RES = 1
Data Output Rate (kSPS Ma2ximum)
000
No OS
90.2
90.2
2000
001
2
91.5
92.4
2000
010
4
93.2
95
2000
011
8
94.7
97.3
2000
110
Invalid
Not applicable
Not applicable
Not applicable
111
Invalid
Not applicable
Not applicable
Not applicable
S1
ACQ
S2
ACQ
S3
ACQ
S4
ACQ
S5
ACQ
S6
ACQ
S7
ACQ
ENABLE OS = 2
ENABLE OS = 4
S1
(F1 + F2)/2
DON’T CARE
SDOA
SDOB
SDI
CS
VCC
INTERNAL
(F1 + F2)/2
S2
(F1 +F2 + F3 + F4)/4
(F1 + F2)/2
FIFO
S1
S1
S1
S1
S1
S1
S1
S1
1
2
3
4
5
6
7
8
FIFO
S2
S1
S1
S1
S1
S1
S1
S1
1
2
3
4
5
6
7
8
FIFO
S3
S2
S1
S1
S1
S1
S1
S1
1
2
3
4
5
6
7
8
FIFO
S4
S3
S2
S1
S1
S1
S1
S1
1
2
3
4
5
6
7
8
FIFO
S5
S4
S3
S2
S1
S1
S1
S1
1
2
3
4
5
6
7
8
FIFO
S6
S5
S4
S3
S2
S1
S1
S1
1
2
3
4
5
6
7
8
FIFO
S7
S6
S5
S4
S3
S2
S1
S1
1
2
3
4
5
6
7
8
Figure 31. Rolling Average Oversampling Mode Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com