Electronic Components Datasheet Search
  English  ▼

X  

SFP83 Datasheet(PDF) 2 Page - DAESAN ELECTRONIC CORP.

Part # SFP83
Description  CURRENT 8.0 AMPERES VOLTAGE 50 TO 600 VOLTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

SFP83 Datasheet(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  SFP83 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. SFP83 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES SFP81 THRU SFP87
50
NONINDUCTIVE
10
NONINDUCTIVE
DUT
OSCILLOSCOPE
(NOTE 2)
(+ )
50Vdc
(approx)
(-)
NOTES: 1 . RISE TIME = 7nsmax. INPUT
IMPEDANCE= 1 MEGOHM 22p
2 . RISETIME = 10ns max.SOURSE
IMPEDANCE = 50ohmsf
+0.5A
-0.25A
0
-1.0A
SET TIME BASE FOR
5/ 10ns / cm
NONINDUCTIVE
FIG . 2 -MAXIMUM AVERAGE FORWARD CURRENT DERATING
10
8
6
4
2
0
0
50
100
150
FIG . 3 -TYPICAL REVERSE CHARACTERISTICS
0
20
40
60
80 100 120
1000
100
10
1.0
0.1
O
TC=100 C
PERCENT OF RATED PEAK REVERSE VOLTAGE . (%)
CASE TEMPERATURE . ( % )
8.3ms Single Half Sine
Wave JEDEC Method
O
T =25
J
C
O
TC=25 C
FIG . 4 -MAXIMUM NON - REPETITIVE FORWARD SURGE
CURRENT
1
2
5
10
20
50
1 00
120
90
60
30
NMBER OF CYCLES AT 60Hz
FIG . 6 -TYPICAL FRWARD CHARACTERISTICS
100
30
10
3.0
1.0
0.3
0.1
0.3
0.1
.4
.6
.8
1.0 1.2
1.4
1.6
1.8
O
T =25
J
C
FORWARD VOLTAGE .( V )
FIG . 5 -TYPICAL JUNCTIOON CAPACITANCE
1
2
5
10 20
50
100 200 500
100
90
80
70
60
50
REVERSE VOLTAGE . ( V)
SFP
87
SF
P
-SF
81
P84
-SF
P86
85
SFP
SFP
-SF
SFP
-SF
o
T =25
J
C
Pulse Width=300 s
1% Duty Cycle
PULSE
GENERATOR
( NOTE 2 )
FIG . 1 -REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com