Electronic Components Datasheet Search
  English  ▼

X  

DS1621 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS1621
Description  Digital Thermometer and
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1621 Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS1621 Datasheet HTML 1Page - Maxim Integrated Products DS1621 Datasheet HTML 2Page - Maxim Integrated Products DS1621 Datasheet HTML 3Page - Maxim Integrated Products DS1621 Datasheet HTML 4Page - Maxim Integrated Products DS1621 Datasheet HTML 5Page - Maxim Integrated Products DS1621 Datasheet HTML 6Page - Maxim Integrated Products DS1621 Datasheet HTML 7Page - Maxim Integrated Products DS1621 Datasheet HTML 8Page - Maxim Integrated Products DS1621 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
BENEFITS AND FEATURES
Simply Adds Temperature Monitoring and
Control to Any System
o Measures Temperatures From -55°C to
+125°C in 0.5°C Increments. Fahrenheit
Equivalent is -67°F to 257°F in 0.9°F
Increments
o Temperature is Read as a 9-Bit Value (2-
Byte Transfer)
o Converts Temperature to Digital Word in
Less than 1s
o Thermostatic Settings are User Definable
And Nonvolatile
Can Be Used in a Wide Variety of
Applications
o Power Supply Range (2.7V to 5.5V)
o Data is Read From/Written Via a 2-Wire
Serial Interface (Open Drain I/O Lines)
Saves Space
o Temperature Measurements Require No
External Components
o 8-pin DIP or SO package (208-mil)
Packages
APPLICATIONS
⋅
Thermostatic Controls
⋅
Industrial Systems
⋅
Consumer Products
⋅
Thermometers
PIN ASSIGNMENT
PIN DESCRIPTION
SDA
- 2-Wire Serial Data Input/Output
SCL
- 2-Wire Serial Clock
GND
- Ground
TOUT
- Thermostat Output Signal
A0
- Chip Address Input
A1
- Chip Address Input
A2
- Chip Address Input
VDD
- Power Supply Voltage
DESCRIPTION
The DS1621 Digital Thermometer and Thermostat provides 9-bit temperature readings, which indicate
the temperature of the device. The thermal alarm output, TOUT, is active when the temperature of the
device exceeds a user-defined temperature TH. The output remains active until the temperature drops
below user defined temperature TL, allowing for any hysteresis necessary.
User-defined temperature settings are stored in nonvolatile memory so parts may be programmed prior to
insertion in a system. Temperature settings and temperature readings are all communicated to/from the
DS1621 over a simple 2-wire serial interface.
DS1621
Digital Thermometer and
6
3
1
2
4
8
7
5
SDA
TOUT
GND
VDD
A0
A1
A2
DS1621S 8-PIN SO (150mil)
DS1621V 8-PIN SO (208mil)
6
3
1
2
4
8
7
5
SDA
SCL
TOUT
GND
VDD
A0
A1
A2
DS1621 8-PIN DIP (300mil)
SCL
1 of 16
19-7540; Rev 4; 3/15


Similar Part No. - DS1621

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1621 DALLAS-DS1621 Datasheet
647Kb / 16P
Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS1621 MAXIM-DS1621 Datasheet
332Kb / 16P
Digital Thermometer and Thermostat
090905
DS1621+ MAXIM-DS1621+ Datasheet
332Kb / 16P
Digital Thermometer and Thermostat
090905
logo
Synology Inc.
DS1621PLUS SYNOLOGY-DS1621PLUS Datasheet
1Mb / 8P
DiskStation DS1621
logo
Maxim Integrated Produc...
DS1621S MAXIM-DS1621S Datasheet
332Kb / 16P
Digital Thermometer and Thermostat
090905
More results

Similar Description - DS1621

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1621 DALLAS-DS1621 Datasheet
647Kb / 16P
Digital Thermometer and Thermostat
DS1624 DALLAS-DS1624 Datasheet
594Kb / 16P
Digital Thermometer and Memory
logo
Maxim Integrated Produc...
DS75LV MAXIM-DS75LV Datasheet
280Kb / 13P
Digital Thermometer and Thermostat
051106
DS7505 MAXIM-DS7505 Datasheet
148Kb / 14P
Digital Thermometer and Thermostat
Rev 1; 3/08
DS1624 MAXIM-DS1624 Datasheet
678Kb / 20P
Digital Thermometer and Memory
Rev 5/12
DS1620S MAXIM-DS1620S Datasheet
270Kb / 12P
Digital Thermometer and Thermostat
053105
DS75U MAXIM-DS75U Datasheet
189Kb / 14P
Digital Thermometer and Thermostat
022108
DS75 MAXIM-DS75 Datasheet
630Kb / 14P
Digital Thermometer and Thermostat
Rev 1; 2/08
DS1620 MAXIM-DS1620_V01 Datasheet
451Kb / 12P
Digital Thermometer and Thermostat
2015
DS7505 MAXIM-DS7505_V01 Datasheet
564Kb / 14P
Digital Thermometer and Thermostat
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com