Electronic Components Datasheet Search
  English  ▼

X  

CONSMA007-G Datasheet(PDF) 1 Page - Linx Technologies

Part # CONSMA007-G
Description  SMA MALE CABLE END CRIMP FOR RG-174 CABLE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

CONSMA007-G Datasheet(HTML) 1 Page - Linx Technologies

  CONSMA007-G Datasheet HTML 1Page - Linx Technologies CONSMA007-G Datasheet HTML 2Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SCALE 1 : 1
15.00
0.591
8.50
0.335
5.00
0.197
2.70
0.106
6.43
0.253
1/4"-36UNS-2B
THREADS
9.24
0.364
HEX 8.00
0.315
20.00
0.787
9.50
0.374
3.90
0.154
5.00
0.197
BODY
PIN
CRIMP
RING
HEAT
SHRINK
EXPLODED VIEW
SCALE 2 : 1
1.27
0.050
0.92
0.036
0.60
0.024
2.50
0.098
8.30
0.327
PIN
NOTES: (UNLESS OTHERWISE SPECIFIED)
1. ALL DIMENSIONS ARE IN mm [INCHES].
2. DIMENSIONS APPLY AFTER FINISHING.
3. MANUFACTURE TO BE COMPLIANT WITH EU RoHS DIRECTIVE,
USE MATERIALS THAT DO NOT CONTAIN REACH SUBSTANCES
OF VERY HIGH CONCERN >1000ppm, AND USE DRC
CONFLICT-FREE SOURCED MATERIALS.
4. SAFETY BREAK ALL SHARP CORNERS AND EDGES 0.5 MAXIMUM.
5 SEE TABLE I FOR ELECTRICAL SPECIFICATIONS. (SHEET 2)
6 SEE TABLE II FOR ENVIRONMENTAL SPECIFICATIONS. (SHEET 2)
7 SEE TABLE III FOR MECHANICAL SPECIFICATIONS. (SHEET 2)
8. SEE PARTSLIST. "*" INDICATES FINISH TYPE.
FILE://M:\Linx\Web\Website Content\Diagrams\Current on site\consma007.pdf
REVISIONS
REV
DESCRIPTION
DATE
APPV
A INITIAL RELEASE OF LINX INTERNAL DRAWING
01/MAR/19
CLL
SHEET 1 OF 2
LDCFDAL_C
SCALE: 3:1
A
TITLE:
SIZE DWG. NO.
REV
DO NOT SCALE DRAWING
CONSMA007-*
A
SMA MALE CABLE END CRIMP
FOR RG-174 CABLE
159 ORT LANE
MERLIN, OR 97532
ANGLES: 1
DRAWN: M. SCHULTE
ENGR: D. VARATHARAJAN
DT: 21/JAN/19
DT: 08/MAR/19
MATERIAL:
FINISH:
PROJECTION:
WARNING: THIS DRAWING CONTAINS PROPRIETARY INFORMATION
THAT IS THE SOLE PROPERTY OF LINX TECHNOLOGIES, AND SHALL BE
TREATED AS SUCH. NO DISCLOSURE OR REPRODUCTION OF THIS
DOCUMENT IS PERMITTED, IN WHOLE OR IN PART, WITHOUT THE
EXPRESS WRITTEN PERMISSION OF LINX TECHNOLOGIES OR ITS
DESIGNATED AGENTS.
TOLERANCES:
0.50 [.020]-5.00 [.200]= 0.20 [.008]
5.00 [.200]-30.00 [1.200]= 0.40 [.016]
30.0 [1.20]-120.0 [4.75]= 0.60 [0.24]
120.0 [4.75]-315.0 [12.40]= 1.0 [.040]


Similar Part No. - CONSMA007-G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CONSMA007-R178 ETC2-CONSMA007-R178 Datasheet
158Kb / 1P
SMA MALE CABLE END CRIMP FOR RG178 CABLE
CONSMA007-R58 ETC2-CONSMA007-R58 Datasheet
157Kb / 1P
SMA MALE CABLE END CRIMP FOR RG58 CABLE
More results

Similar Description - CONSMA007-G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CONREVSMA007 ETC2-CONREVSMA007 Datasheet
153Kb / 1P
RP-SMA MALE CABLE END CRIMP FOR RG174 CABLE
CONREVSMA007-R58 ETC2-CONREVSMA007-R58 Datasheet
154Kb / 1P
RP-SMA MALE CABLE END CRIMP FOR RG58 CABLE
CONREVSMA007-R178 ETC2-CONREVSMA007-R178 Datasheet
156Kb / 1P
RP-SMA MALE CABLE END CRIMP FOR RG178 CABLE
CONSMA007 ETC2-CONSMA007 Datasheet
152Kb / 1P
SMA MALE CABLE END CRIMP FOR RG174 CABLE
CONSMA007-R58 ETC2-CONSMA007-R58 Datasheet
157Kb / 1P
SMA MALE CABLE END CRIMP FOR RG58 CABLE
CONSMA007-R178 ETC2-CONSMA007-R178 Datasheet
158Kb / 1P
SMA MALE CABLE END CRIMP FOR RG178 CABLE
logo
Linx Technologies
CONREVSMA007-G LINX-CONREVSMA007-G Datasheet
306Kb / 2P
RP-SMA MALE CABLE END CRIMP FOR RG-174 CABLE
21/JAN/19
CONREVSMA012-G LINX-CONREVSMA012-G Datasheet
329Kb / 2P
RP-SMA MALE RIGHT-ANGLE CABLE END CRIMP FOR RG-174 CABLE
21/JAN/19
CONSMA011-G LINX-CONSMA011-G Datasheet
328Kb / 2P
SMA FEMALE CABLE END CRIMP FOR RG-174 CABLE
21/JAN/19
CONREVSMA005-G LINX-CONREVSMA005-G Datasheet
383Kb / 2P
RP-SMA FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG-174 CABLE
21/JAN/19
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com