Electronic Components Datasheet Search
  English  ▼

X  

CONSMB006-G Datasheet(PDF) 1 Page - Linx Technologies

Part # CONSMB006-G
Description  SMB Plug PCB Through Hole Connector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

CONSMB006-G Datasheet(HTML) 1 Page - Linx Technologies

  CONSMB006-G Datasheet HTML 1Page - Linx Technologies CONSMB006-G Datasheet HTML 2Page - Linx Technologies CONSMB006-G Datasheet HTML 3Page - Linx Technologies CONSMB006-G Datasheet HTML 4Page - Linx Technologies CONSMB006-G Datasheet HTML 5Page - Linx Technologies CONSMB006-G Datasheet HTML 6Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Datasheet
CONSMB006-G
SMB Plug PCB Through Hole Connector
Table 1. Electrical Specifications
Impedance
50
Ω
Frequency Range
0 to 4 GHz
Voltage Rating
750 V RMS
Contact Resistance
Center:
≤ 6.0 mΩ Outer: ≤ 1.0 mΩ
Select Frequencies
400 MHz to 960 MHz
2.4 GHz
Insertion Loss (dB max)
-0.20
-0.23
VSWR (max)
1.5
1.2
Ordering Information
Part Number
Description
CONSMB006-G
SMB Plug (female socket) PCB through hole connector
Available from Linx Technologies and select distributors and representatives.
Features
• 0 to 4 GHz operation
• Gold plating
― Superior corrosion resistance
• SMB Plug (female socket) connection
― Gold plated beryllium copper center contact
• Direct PCB attachment
• Reflow- or hand-solder assembly
The CONSMB006-G is an SMB Plug PCB through
hole connector designed for reflow-solder mounting
directly to a printed circuit board. Operating from
0 GHz to 4 GHz, the CONSMB006-G combines
superior performance, compact size, and a
convenient snap-on mating interface to provide a
reliable, easy-to-use connector. Additionally, all Linx
connectors meet RoHS lead free standards and are
tested to meet requirements for corrosion resistance,
vibration, mechanical and thermal shock.
Applications
• LPWA
― LoRaWAN®, Sigfox®, WiFi HaLow™ (802.11ah)
• Cellular IoT
― LTE-M (Cat-M1), NB-IoT
• Cellular
― 5G/4G LTE/3G/2G
• GNSS
― GPS, Galileo, GLONASS, BeiDou, QZSS
• Industrial/Commercial/Enterprise
• ISM


Similar Part No. - CONSMB006-G

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
CONSMB001-1-G LINX-CONSMB001-1-G Datasheet
1Mb / 6P
SMB Jack PCB Through Hole Connector
2020
CONSMB001-G LINX-CONSMB001-G Datasheet
1Mb / 6P
SMB Jack PCB Through Hole Connector
2020
CONSMB001-SMD-G LINX-CONSMB001-SMD-G Datasheet
1Mb / 6P
SMB Jack PCB Surface-Mount Connector
2020
CONSMB002-G LINX-CONSMB002-G Datasheet
1Mb / 6P
SMB Jack PCB Through Hole Connector
2020
CONSMB003.062-G LINX-CONSMB003.062-G Datasheet
1Mb / 6P
SMB Jack PCB Edge Mount Connector
2020
More results

Similar Description - CONSMB006-G

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
72995 POMONA-72995 Datasheet
121Kb / 1P
SMB PLUG STRAIGHT PCB RECEPTACLE
logo
Rosenberger Hochfrequen...
59S101-400L5 ROSENBERGER-59S101-400L5 Datasheet
40Kb / 2P
SMB STRAIGHT PLUG PCB
logo
Pasternack Enterprises,...
PE4245 PASTERNACK-PE4245 Datasheet
347Kb / 3P
SMB Plug Right Angle Connector Solder Attachment Thru Hole PCB
logo
Linx Technologies
CONSMB001-1-G LINX-CONSMB001-1-G Datasheet
1Mb / 6P
SMB Jack PCB Through Hole Connector
2020
CONSMB001-G LINX-CONSMB001-G Datasheet
1Mb / 6P
SMB Jack PCB Through Hole Connector
2020
CONSMB002-G LINX-CONSMB002-G Datasheet
1Mb / 6P
SMB Jack PCB Through Hole Connector
2020
CONSMP001-G-T LINX-CONSMP001-G-T Datasheet
533Kb / 6P
SMP Plug PCB Through-Hole Connector
2021
CONSMP001-1 LINX-CONSMP001-1 Datasheet
703Kb / 6P
SMP Plug PCB Through-Hole Connector
2021
CONSMP001-2-G LINX-CONSMP001-2-G Datasheet
654Kb / 6P
SMP Plug PCB Through-Hole Connector
2021
logo
Molex Electronics Ltd.
SD-73404-634 MOLEX-SD-73404-634 Datasheet
190Kb / 4P
SMB PLUG 75 OHM VERTICAL PCB TH SMB-P/PCB
2014/11/11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com