Electronic Components Datasheet Search
  English  ▼

X  

CONREVSMA024-G Datasheet(PDF) 2 Page - Linx Technologies

Part # CONREVSMA024-G
Description  Reverse-Polarity SMA Jack PCB Cutout Edge Mount Connector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

CONREVSMA024-G Datasheet(HTML) 2 Page - Linx Technologies

  CONREVSMA024-G Datasheet HTML 1Page - Linx Technologies CONREVSMA024-G Datasheet HTML 2Page - Linx Technologies CONREVSMA024-G Datasheet HTML 3Page - Linx Technologies CONREVSMA024-G Datasheet HTML 4Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Datasheet
CONREVSMA024-G
Product Dimensions
7.1 mm
(0.28 in)
1.0 mm
(0.04 in)
13.0 mm
(0.51 in)
7.0 mm
(0.28 in)
2.0 mm
(0.08 in)
0.5 mm
(0.02 in)
Ø9.0 mm
(0.35 in)
1/4”-36UNS-2A
7.0 mm
(0.28 in)
3.0 mm
(0.12 in)
7.0 mm
(0.28 in)
Ø0.8 mm
(0.03 in)
PCB
1.5 mm
(0.06 in)
0.6 mm
(0.02 in)
7.1 mm
(0.28 in)
9.3 mm
(0.37 in)
7.1mm
0.28in
9.3mm
0.37in
7.1mm
0.28in
0.6mm
0.02in
1.5mm
0.06in
1.0mm
0.04in
Figure 1. Product Dimensions for the CONREVSMA024-G Connector
Connector Components
CONREVSMA024-G
Connector Part
Material
Finish
Connector Body
Brass
Gold
Center Contact
Brass
Gold
Insulator
PTFE
–
Recommended PCB Footprint
Figure 2 shows the recommended PCB footprint and PCB cutout dimensions.
7.1 mm
(0.28 in)
1.0 mm
(0.04 in)
13.0 mm
(0.51 in)
7.0 mm
(0.28 in)
2.0 mm
(0.08 in)
0.5 mm
(0.02 in)
Ø9.0 mm
(0.35 in)
1/4”-36UNS-2A
7.0 mm
(0.28 in)
3.0 mm
(0.12 in)
7.0 mm
(0.28 in)
Ø0.8 mm
(0.03 in)
PCB
1.5 mm
(0.06 in)
0.6 mm
(0.02 in)
7.1 mm
(0.28 in)
9.3 mm
(0.37 in)
7.1mm
0.28in
9.3mm
0.37in
7.1mm
0.28in
0.6mm
0.02in
1.5mm
0.06in
1.0mm
0.04in
Figure 2. Recommended PCB Footprint for the CONREVSMA024-G Connector
Mechanical Specifications
CONREVSMA024-G
Mounting Type
PCB board edge
Fastening Type
1/4”-36 UNS-2A threaded coupling
Interface in Accordance with
MIL-STD-348A
Recommended Torque
0.57 N m (5.0 in lbs)
Coupling Nut Retention
60 lbs. min.
Connector Durability
500 cycles min.
Weight
3.2 g (0.11 oz)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com