Electronic Components Datasheet Search
  English  ▼

X  

ANT-868-OC-LG-RPS Datasheet(PDF) 1 Page - Linx Technologies

Part # ANT-868-OC-LG-RPS
Description  868 MHz LPWA Antenna
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

ANT-868-OC-LG-RPS Datasheet(HTML) 1 Page - Linx Technologies

  ANT-868-OC-LG-RPS Datasheet HTML 1Page - Linx Technologies ANT-868-OC-LG-RPS Datasheet HTML 2Page - Linx Technologies ANT-868-OC-LG-RPS Datasheet HTML 3Page - Linx Technologies ANT-868-OC-LG-RPS Datasheet HTML 4Page - Linx Technologies ANT-868-OC-LG-RPS Datasheet HTML 5Page - Linx Technologies ANT-868-OC-LG-RPS Datasheet HTML 6Page - Linx Technologies ANT-868-OC-LG-RPS Datasheet HTML 7Page - Linx Technologies ANT-868-OC-LG-RPS Datasheet HTML 8Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Datasheet
OC-LG Series
868 MHz LPWA Antenna
Features
• Performance at 862 MHz to 876 MHz
― VSWR: ≤ 2.3
― Peak Gain: 0.4 dBi
― Efficiency: 62%
• Hinged design with detents for straight, 45
degree and 90 degree positioning
• SMA plug (male pin) or RP-SMA plug (female
socket)
The OC-LG series antennas deliver excellent
performance in a ground plane independent dipole
configuration. The 868-OC-LG antenna is designed
for sub-1 GHz and low-power, wide-area (LPWA)
applications including LoRaWAN®, Sigfox®, and
other unlicensed ISM bands in the 862 MHz to 876
MHz range.
The hinged design allows for the antenna to be
positioned for optimum performance and reduces
the potential for damage from impact compared to
a fixed whip design. The antenna is available with an
SMA plug (male pin) or RP-SMA plug (female socket)
connector for FCC Part 15 compliant applications.
Ordering Information
Part Number
Description
ANT-868-OC-LG-SMA
Antenna with SMA plug (male pin)
ANT-868-OC-LG-RPS
Antenna with RP-SMA plug (female socket)
Available from Linx Technologies and select distributors and representatives.
Applications
• Low-power, wide-area (LPWA) applications
― LoRaWAN®
― Sigfox®
• ISM band applications
• Internet of Things (IoT) devices
• Smart Home networking
― Security systems
― Home weather stations
• Remote sensing, monitoring and control
― Industrial machinery
― AMR (automated meter reading)
• Hand-held devices
• Gateways


Similar Part No. - ANT-868-OC-LG-RPS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ANT-868-CHP-x ETC2-ANT-868-CHP-x Datasheet
218Kb / 1P
ULTRA COMPACT CHIP ANTENNA
logo
Linx Technologies
ANT-868-CPA LINX-ANT-868-CPA Datasheet
613Kb / 6P
868 MHz Directional Embedded Ceramic Patch Antenna
2019
logo
List of Unclassifed Man...
ANT-868-CW-HD ETC2-ANT-868-CW-HD Datasheet
152Kb / 1P
Part 15 compliant RP-SMA connector
logo
Linx Technologies
ANT-868-CW-HD-SMA LINX-ANT-868-CW-HD-SMA Datasheet
346Kb / 2P
Standard SMA connector
5/16/14
logo
List of Unclassifed Man...
ANT-868-CW-HW ETC2-ANT-868-CW-HW Datasheet
161Kb / 1P
Standard SMA or Part 15 compliant RP-SMA connector
More results

Similar Description - ANT-868-OC-LG-RPS

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
ANT-915-IPW1-RPS LINX-ANT-915-IPW1-RPS Datasheet
1Mb / 12P
915 MHz LPWA Weatherproof Antenna
2021
ANT-433-USP410 LINX-ANT-433-USP410 Datasheet
960Kb / 10P
Embedded 433 MHz LPWA Antenna
2020
ANT-8-IPW1-SMA LINX-ANT-8-IPW1-SMA Datasheet
1Mb / 12P
868/915 MHz LPWA Weatherproof Antenna
2021
ANT-8-IPW2-NP LINX-ANT-8-IPW2-NP Datasheet
1Mb / 12P
868/915 MHz Outdoor LPWA Antenna
2021
ANT-8-SPNF2 LINX-ANT-8-SPNF2 Datasheet
784Kb / 8P
Panel Mount 868/915 MHz LPWA Antenna
2021
ANT-9-SPNF1 LINX-ANT-9-SPNF1 Datasheet
840Kb / 8P
Panel Mount 868/915 MHz LPWA Antenna
2021
ANT-868-HETH LINX-ANT-868-HETH Datasheet
1Mb / 10P
868 MHz Helical Antenna
2021
ANT-868-MHW LINX-ANT-868-MHW Datasheet
765Kb / 8P
868 MHz Helical Dipole LPWA Antenna
2020
ANT-868-VHETH LINX-ANT-868-VHETH Datasheet
882Kb / 10P
868 MHz Helical Antenna
2021
logo
Abracon Corporation
ACR1504I3-EVB ABRACON-ACR1504I3-EVB Datasheet
571Kb / 4P
Evaluation Board - 915/868/433 MHz: LPWA/ISM Multiband Chip Antenna
09-13-21
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com