Electronic Components Datasheet Search
  English  ▼

X  

M63010FP Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M63010FP
Description  SPINDLE MOTOR AND 4CH ACTUATOR DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M63010FP Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M63010FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M63010FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M63010FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M63010FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M63010FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M63010FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M63010FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M63010FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M63010FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
M63010FP
SPINDLE MOTOR AND 4CH ACTUATOR DRIVER
(
/
16)
Preliminary
MITSUBISHI SEMICONDUCTORS
REV990118
2
<PIN FUNCTION>
SYMBOL
SYMBOL
TERMINAL
TERMINAL FUNCTION
TERMINAL
TERMINAL FUNCTION
1
2
3
4
5
6
7
8
15
16
17
18
19
21
22
23
24
25
26
27
28
36
37
38
39
40
41
42
Loading non-inverted output
LO+
Loading inverted output
LO-
HW-
HW+
HV- sensor amp. input
HV-
RSL
Slide current sense
Motor drive output U
U
Spindle current sensie
RSP
GND
GND
GND
GND
14
20
29
HW+ sensor amp. input
HW- sensor amp. input
HV+ sensor amp. input
HV+
HU- sensor amp. input
HU-
HU+
HU+ sensor amp. input
35
9
SL+
Slide non-inverted output
34
10
SL-
Slide inverted output
33
GND
GND
11
GND
GND
32
12
W
Motor drive output W
31
13
V
Motor drive output V
30
MU2
mute 2
mute 1
MU1
VM23
LOIN+
Loading control input(+)
SLIN
SPIN
Tracking control voltage input
PWM carrier oscilation set
OSC
HB
Bias for Hall Sensor
FG
Frequency generator output
FOIN
Focus control voltage input
TOIN
Spindle control voltage input
Focus inverted output
FO-
TO-
Tracking inverted output
TO+
Tracking non-inverted output
VM4
REF
Focus non-inverted output
FO+
Reference voltage input
VM1
Motor Power Suppry 3
(for Slide/Loading)
Motor Power Suppry 4 (for FS and TS)
Motor Power Suppry 1 (for Spindle)
LOIN-
Loading control input(-)
5VCC
5V Power Suppry
Regulator output
PREG
Regulator reference voltage output
REGO
Regulator GND
SGND
Slide control voltage input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com