Electronic Components Datasheet Search
  English  ▼

X  

1SS400CS Datasheet(PDF) 2 Page - AiT Semiconductor Inc.

Part # 1SS400CS
Description  SWITCHING DIODE FORWARD VOLTAGE 1.2V CURRENT 100mA, RECOVERY 4ns
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

1SS400CS Datasheet(HTML) 2 Page - AiT Semiconductor Inc.

  1SS400CS Datasheet HTML 1Page - AiT Semiconductor Inc. 1SS400CS Datasheet HTML 2Page - AiT Semiconductor Inc. 1SS400CS Datasheet HTML 3Page - AiT Semiconductor Inc. 1SS400CS Datasheet HTML 4Page - AiT Semiconductor Inc. 1SS400CS Datasheet HTML 5Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
1SS400CS
SWITCHING DIODE
FORWARD VOLTAGE 1.2V CURRENT 100mA, RECOVERY 4ns
REV1.0
- NOV 2017 RELEASED -
- 2 -
ABSOLUTE MAXIMUM RATINGS
TA=25°C
VRM, Peak Reverse Voltage
90V
VR, DC Reverse Voltage
80V
IFM, Peak Forward Current
225mA
IO, Mean Rectifying Current
100mA
Isurge, Surge Current (1s)
500mA
TJ, Junction Temperature(Max)
125°C
TSTG, Storage Temperature
-55°C~125°C
Stresses above may cause permanent damage to the device. These are stress ratings only and functional operation of the device at
these or any other conditions beyond those indicated in the Electrical Characteristics are not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
TA=25°C
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF=100mA
-
-
1.2
V
Reverse Current
IR
VR=80V
-
-
0.1
μA
Capacitance Between Terminals
CT
VR=0.5V, f=1MHz
-
0.72
3.0
pF
Reverse Recovery Time
trr
VR=6V, IF=10mA,
RL=100Ω
-
-
4
ns



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com