Electronic Components Datasheet Search
  English  ▼

X  

2SC2873Y Datasheet(PDF) 2 Page - AiT Semiconductor Inc.

Part # 2SC2873Y
Description  GENERAL PURPOSE TRANSISTOR 500mW 1.5A 32V TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

2SC2873Y Datasheet(HTML) 2 Page - AiT Semiconductor Inc.

  2SC2873Y Datasheet HTML 1Page - AiT Semiconductor Inc. 2SC2873Y Datasheet HTML 2Page - AiT Semiconductor Inc. 2SC2873Y Datasheet HTML 3Page - AiT Semiconductor Inc. 2SC2873Y Datasheet HTML 4Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
2SC2873Y
GENERAL PURPOSE TRANSISTOR
500mW 1.5A 32V TRANSISTOR
REV1.1
- NOV 2014 RELEASED, JUN 2016 UPDATED -
- 2 -
ABSOLUTE MAXIMUM RATINGS
VCEO, Collector-Emitter Voltage(IB=0)
32V
VCBO, Collector-Base Voltage(IE=0)
40V
VEBO, Emitter-Base Voltage(IC=0)
6V
IC, Collector Current
1.5A
PTOT, Total Device Dissipation(TA =25°C)NOTE1
500mW
TJM, Junction Temperature(Max)
150°C
TSTG, Storage Temperature
-55°C ~150°C
Stresses above may cause permanent damage to the device. These are stress ratings only and functional operation of the device at
these or any other conditions beyond those indicated in the Electrical Characteristics are not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
NOTE1: Device mounted on a ceramic substrate
ELECTRICAL CHARACTERISTICS
TA=25°C
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Breakdown Voltage
V(BR)CEO
IC= 1mA, IB=0
32
V
V(BR)CBO
IC=50μA, IE=0
40
V
V(BR)EBO
IE=50μA,IC=0
6
V
Collector-Cutoff Current
ICBO
VCB=20V, IE=0
500
nA
DC Current Gain
hFE
IC=100mA, VCE=3.0V
120
240
-
Collector- Emitter Saturation Voltage
VCE(sat)
IC=500mA, IB=50mA
0.50
V
Current Gain-Bandwidth Product
fT
IC=50mA,VCE=5V
150
MHz
NOTE2: Pulse test; pulse width≤300μs, duty cycle≤2%.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com