Electronic Components Datasheet Search
  English  ▼

X  

2SC4672Q Datasheet(PDF) 2 Page - AiT Semiconductor Inc.

Part # 2SC4672Q
Description  GENERAL PURPOSE TRANSISTOR 1W 1.5A 25V NPN SILICON
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

2SC4672Q Datasheet(HTML) 2 Page - AiT Semiconductor Inc.

  2SC4672Q Datasheet HTML 1Page - AiT Semiconductor Inc. 2SC4672Q Datasheet HTML 2Page - AiT Semiconductor Inc. 2SC4672Q Datasheet HTML 3Page - AiT Semiconductor Inc. 2SC4672Q Datasheet HTML 4Page - AiT Semiconductor Inc. 2SC4672Q Datasheet HTML 5Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
2SC4672
GENERAL PURPOSE TRANSISTOR
1W 1.5A 25V NPN SILICON
REV1.0
- JUN 2014 RELEASED -
- 2 -
ABSOLUTE MAXIMUM RATINGS
VCEO, Collector-Emitter Voltage(IB=0)
25V
VCBO, Collector-Base Voltage(IE=0)
40V
VEBO, Emitter-Base Voltage(IC=0)
6V
IC, Collector Current
1.5A
PTOT, Total Device Dissipation(TA =25°C)NOTE1
1W
TJM, Junction Temperature(Max)
150°C
TSTG, Storage Temperature
-55°C ~150°C
Stresses above may cause permanent damage to the device. These are stress ratings only and functional operation of the device at
these or any other conditions beyond those indicated in the Electrical Characteristics are not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
NOTE1: Device is mounted on a printed circuit board.
ELECTRICAL CHARACTERISTICS
TA=25°C, unless otherwise specified
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC= 2mA, IB=0
25
-
-
V
Collector-Base Breakdown Voltage
V(BR)CBO
IC=100μA, IE=0
40
-
-
V
Emitter-Base Breakdown Voltage
V(BR)EBO
IE=100μA,IC=0
6
-
-
V
Forward Current Transfer Ratio
hFE
VCE=1V,
IC=100mA
Q
120
-
270
R
180
-
390
Collector-Base Current
ICBO
VCB=35V, IE=0
-
-
100
nA
Collector-Emitter Saturation Voltage
VCE(sat)
IC=800mA, IB=80mA
-
-
0.5
V
Characteristic Frequency
fT
IC=50mA, VCE=10V,
f=100MHz
-
100
-
MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com