Electronic Components Datasheet Search
  English  ▼

X  

INA3010D Datasheet(PDF) 9 Page - Integral Corp.

Part # INA3010D
Description  INFRARED REMOTE CONTROL TRANSMITTER (RC-5)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

INA3010D Datasheet(HTML) 9 Page - Integral Corp.

  INA3010D Datasheet HTML 1Page - Integral Corp. INA3010D Datasheet HTML 2Page - Integral Corp. INA3010D Datasheet HTML 3Page - Integral Corp. INA3010D Datasheet HTML 4Page - Integral Corp. INA3010D Datasheet HTML 5Page - Integral Corp. INA3010D Datasheet HTML 6Page - Integral Corp. INA3010D Datasheet HTML 7Page - Integral Corp. INA3010D Datasheet HTML 8Page - Integral Corp. INA3010D Datasheet HTML 9Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
INA3010
9
Combined system mode (SSM is LOW)
The X and Z sense inputs have p-channel pull-up transistors, so that they are HIGH, until
pulled LOW by connecting them to an output as the result of a key operation. Legal
operation of a key in the X-DR or Z-DR matrix will start the debounce cycle, once key
contact has been established for 18 bit-times without interruption, the oscillator enable
signal is latched and the key may be released. An interruption within the 18 bit-time period
resets the device.
At the end of the debounce cycle the DR-outputs are switched off and two scan cycles are
started, that switch on the DR-lines one by one. When a Z- or X-input senses a low level, a
latch enable signal is fed to the system (Z-input) or command (X-input) latches.
After latching a system number the device will generate the last command (i.e. all
command bits logic 1) in the chosen system for as long as the key is operated. Latching of
a command number causes the chip to generate this command together with the system
number memorized in the system latch. Releasing the key will reset the device if no data is
to be transmitted at the time. Once transmission has started the code will complete to the
end.
Single system mode (SSM is HIGH)
In the single system mode, the X-inputs will be HIGH as in the combined system mode.
The Z-inputs will be disabled by having their pull-up transistors switched off; a wired
connection in the Z-DR matrix provides the system code. Only legal key operation in the X-
DR matrix will start the debounce cycle, once key contact has been established for 18 bit-
times without interruption the oscillator enable signal is latched and the key may be
released. An interruption within the 18 bit-time period resets the internal action.
At the end of the debounce cycle the pull-up transistors in the X-lines are switched off and
those in the Z-lines are
switched on for the first scan cycle. The wired connection in the Z-matrix is then translated
into a system number and memorized in the system latch. At the end of the first scan cycle
the pull-up transistors in the Z-lines are switched off and the inputs are disabled again; the
pull-up transistors in the X-lines are switched on. The second scan cycle produces the
command number which, after being latched, is transmitted together with the system
number.
Key release detection
An extra control bit is added which will be complemented after key release; this indicates
to the decoder that the next code is a new command. This is important in the case where
more digits need to be entered (channel numbers of Teletext or Viewdata pages). The
control bit will only be complemented after the completion of at least one code
transmission. The scan cycles are repeated before every code transmission, so that even
with “take over” of key operation during code transmission the right system and command
numbers are generated.
Reset action
The device will be reset immediately a key is released during:
· debounce time
· between two codes.
When a key is released during matrix scanning, a reset will occur if:
· a key is released while one of the driver outputs is in the low ohmic stage (logic 0)
· a key is released before that key has been detected
· there is no wired connection in the Z-DR matrix when SSM is HIGH.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com