Electronic Components Datasheet Search
  English  ▼

X  

AS3418-EWLT Datasheet(PDF) 43 Page - ams AG

Part # AS3418-EWLT
Description  Low Noise ANC Solution
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3418-EWLT Datasheet(HTML) 43 Page - ams AG

Back Button AS3418-EWLT Datasheet HTML 39Page - ams AG AS3418-EWLT Datasheet HTML 40Page - ams AG AS3418-EWLT Datasheet HTML 41Page - ams AG AS3418-EWLT Datasheet HTML 42Page - ams AG AS3418-EWLT Datasheet HTML 43Page - ams AG AS3418-EWLT Datasheet HTML 44Page - ams AG AS3418-EWLT Datasheet HTML 45Page - ams AG AS3418-EWLT Datasheet HTML 46Page - ams AG AS3418-EWLT Datasheet HTML 47Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 77 page
background image
Document Feedback
AS3418
Functional Description
Datasheet
• PUBLIC
DS000507
• v4-00 • 2020-Jan-23
77
│ 43
6.12.1
Protocol
Figure 58:
I2C Serial Interface Symbol Definition
Symbol
Definition
RW
Note
S
Start condition after stop
R
1 bit
Sr
Repeated start
R
1 bit
DW
Device address for write
R
1000 1110b (8Eh)
DR
Device address for read
R
1000 1111b (8Fh)
WA
Word address
R
8 bit
A
Acknowledge
W
1 bit
N
No Acknowledge
R
1 bit
reg_data
Register data/write
R
8 bit
data (n)
Register data/read
W
8 bit
P
Stop condition
R
1 bit
WA++
Increment word address internally
R
during acknowledge
AS3418 (=slave) transmits data
AS3418 (=slave) receives data
Figure 59:
Byte Write
Figure 60:
Page Write
Byte Write and Page Write formats are used to write data to the slave. The transmission begins with
the START condition, which is generated by the master when the bus is in IDLE state (the bus is free).
The device-write address is followed by the word address. After the word address any number of data
bytes can be sent to the slave. The word address is incremented internally, in order to write
subsequent data bytes to subsequent address locations.
A
DW
S
WA
A
reg_data
P
WA++
A
A
DW
S
WA
A
reg_data 1
A
reg_data 2
A
...
reg_data n
WA++
WA++
WA++
P
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com