Electronic Components Datasheet Search
  English  ▼

X  

AS3418-EWLM Datasheet(PDF) 49 Page - ams AG

Part # AS3418-EWLM
Description  Low Noise ANC Solution
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3418-EWLM Datasheet(HTML) 49 Page - ams AG

Back Button AS3418-EWLM Datasheet HTML 45Page - ams AG AS3418-EWLM Datasheet HTML 46Page - ams AG AS3418-EWLM Datasheet HTML 47Page - ams AG AS3418-EWLM Datasheet HTML 48Page - ams AG AS3418-EWLM Datasheet HTML 49Page - ams AG AS3418-EWLM Datasheet HTML 50Page - ams AG AS3418-EWLM Datasheet HTML 51Page - ams AG AS3418-EWLM Datasheet HTML 52Page - ams AG AS3418-EWLM Datasheet HTML 53Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 77 page
background image
Document Feedback
AS3418
Register Description
Datasheet
• PUBLIC
DS000507
• v4-00 • 2020-Jan-23
77
│ 49
7.2
Detailed Register Description
7.2.1
System Registers
Figure 67:
ID Register Description
Addr: 0x00
ID
Bit
Bit Name
Default
Access
Bit Description
7:4
DESIGN_VER
SION
0110
R
Design version number to identify the design version
of the AS3418.
0110: Chip Version 3.0
3:0
CHIP_ID
0001
R
This register represents the chip ID number of
AS3418.
0001: AS3418
Figure 68:
SYSTEM_STATUS Register Description
Addr: 0x01
SYSTEM_STATUS
Bit
Bit Name
Default
Access
Bit Description
4
EE_WR_TEST
_OK
-
R
This register reports if an EEPROM upload test was
successfully finished. This bit is also used for the
EEPROM-Program-Test (together with
EEPROM_UPLOAD_TEST
), where a “dummy-write”
can be initialized to check the power-supply
0: EEPROM upload TEST failed
1: EEPROM upload TEST successful
3
EE_READY
-
R
This registers indicates the status after a read/write
command of the EEPROM.
0: EEPROM busy
1: EEPROM ready
1
PWRUP_COM
PLETE
1
R
This bit indicates the Power-Up sequencer status of
AS3418. The signal goes high after all amplifiers are
enabled but before the microphone signal is faded in.
0: Power-up sequence incomplete
1: Power-up sequence completed
0
PWR_HOLD
1
R/W
This bit allows an MCU, using the I2C interface, to
power down the AS3418. A start condition on the I2C
interface will wake up the device again. This function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com