Electronic Components Datasheet Search
  English  ▼

X  

AS89010 Datasheet(PDF) 15 Page - ams AG

Part # AS89010
Description  16 bit 4-channel analog-to-digital converter (ADC) with I2C control/output
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS89010 Datasheet(HTML) 15 Page - ams AG

Back Button AS89010 Datasheet HTML 11Page - ams AG AS89010 Datasheet HTML 12Page - ams AG AS89010 Datasheet HTML 13Page - ams AG AS89010 Datasheet HTML 14Page - ams AG AS89010 Datasheet HTML 15Page - ams AG AS89010 Datasheet HTML 16Page - ams AG AS89010 Datasheet HTML 17Page - ams AG AS89010 Datasheet HTML 18Page - ams AG AS89010 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
ams.com
db12348e_V3.11_preliminary_2017-07-06
Page 14 of 41
AS89010
V3.11
content of register CREGL: R and T bits (T). Their values determine directly the sensitivity e.g. LSB and
full-scale range (FSR) current of A/D conversion. One overview of the possible configurations is shown in
Table 5.
Table 5: Programmable FSR and LSB current (CONT, CMD, SYNS Mode)
T [b]
0000
0001
0010
0011
0100
0101
0110
0111
1000
1001
1010
NCLK
1024
2048
4096
8129
16384
32768
65536 131072 262144
524288
1048576
Resolution
[bit]
10
11
12
13
14
15
16
17
18
19
20
R [b]
IFSR [nA]
000
20
10
5
2.5
1.25
001
80
40
20
10
5
010
320
160
80
40
20
011
1280
640
320
160
80
1XX
5120
2560
1280
640
320
R [b]
LSB [pA]
000
19.53
9.77
4.88
2.44
1.22
0.61
0.31
0.15
0.08
0.04
0.02
001
78.13 39.06 19.53
9.77
4.88
2.44
1.22
0.61
0.31
0.15
0.08
010
312.5 156.25 78.12 39.06
19.53
9.77
4.88
2.44
1.22
0.61
0.31
011
1250
625
312.5 156.25 78.13
39.06 19.53
9.77
4.88
2.44
1.22
1XX
5000
2500
1250
625
312.5 156.25 78.13 39.06
19.53
9.77
4.88
The maximum value of conversion result in the SYND Mode depends on the external integration time
duration. This maximum achievable count is equal to OUTINT and differs from the full-scale count
achievable in CMD, CONT and SYNS Mode. The value of T defines the number of clock counts during the
integration time. It defines the integration e.g. conversion time duration and maximum of resolution of the
A/D conversion. This is valid for the CONT, CMD and SYNS Mode.
In the SYND Mode the value of T has no meaning, integration time duration is externally defined. The
values of T higher than 0110b internally lead to A/D conversion with a higher resolution up to 20 bit. But
only the 16 most significant bits will be further processed and stored. As only the lower part of results is
evaluated, the FSR is lower for internal resolution higher than 16 bit. The value of R defines the A/D
converter reference current (see T). In combination with the values of T or the integration time duration it
also defines the full-scale range current and thus the sensitivity of the A/D conversion.
During a conversion an overflow of input integrator of the A/D converter must be avoided. The maximum
input current must not exceed the double value of reference current for the maximum of one clock duration,
otherwise integrator overflow can occur and conversion result would be incorrect:
IREF
MAX
IN
I
I
 2
(4)
MAX
IN
I
: Peak Input Current
For more details and necessary steps to find the optimal parameters for amplifying please see our notices
in the application note “AppNote specifying the optimal gain parameters for AS89010.pdf”14.
14 Please contact our sales team - see page 40
T:
bit 3 to 0 of CREGL
R:
bit 6 to 4 of CREGL
IFSR: full-scale range current
LSB:
last significant bit
Resolution: internal A/D resolution
NCLK = TINT . fCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com