Electronic Components Datasheet Search
  English  ▼

X  

TMF8801 Datasheet(PDF) 1 Page - ams AG

Part # TMF8801
Description  Time-of-Flight Sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMF8801 Datasheet(HTML) 1 Page - ams AG

  TMF8801 Datasheet HTML 1Page - ams AG TMF8801 Datasheet HTML 2Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Brief
PB000130
Product Brief
• PUBLIC
PB000130
• 1-00 • 2019-July-22
2
│ 1
TMF8801
Time-of-Flight Sensor
1
General Description
The TMF8801 is a time-of-flight (TOF) sensor in a single modular package with associated VCSEL.
The TOF device is based on SPAD, TDC and histogram technology. The device achieves 2500 mm
detection range.
2
Key Features
Figure 1:
Added Value of Using TMF8801
Benefits
Features
Small footprint fits in the mobile phone bezel
Modular package - 2.2 mm x 3.6 mm x 1.0 mm
Detecting central closest objects
21º FOI
Within 5 % of measurement (accuracy); no
multipath and no multiple object problems as
for iToF
Time-to-Digital Converter (TDC)
Direct Time-of-Flight Measurement
Better accuracy detects reliably closest object
Minimum distance 20 mm
Maximum distance 2500 mm
Single Photon Avalanche Photodiode (SPAD)
Histogram based architecture
No complex calibration
Dynamic cover glass calibration
Compensates for dirt on glass
Reliable Operation under demanding use cases
Class 1 Eye Safe
Fast VCSEL driver with protection


Similar Part No. - TMF8801

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
TMF8801 OSRAM-TMF8801 Datasheet
1Mb / 73P
Time-of-Flight Sensor
v10-00 2022-Dec-20
TMF8801-1B OSRAM-TMF8801-1B Datasheet
1Mb / 73P
Time-of-Flight Sensor
v10-00 2022-Dec-20
TMF8801-1BM OSRAM-TMF8801-1BM Datasheet
1Mb / 73P
Time-of-Flight Sensor
v10-00 2022-Dec-20
More results

Similar Description - TMF8801

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPT8241 TI-OPT8241_15 Datasheet
1Mb / 34P
OPT8241 3D Time-of-Flight Sensor
OPT8320 TI1-OPT8320 Datasheet
1Mb / 88P
OPT8320 3D Time-of-Flight Sensor
OPT8241 TI1-OPT8241 Datasheet
1Mb / 34P
3D Time-of-Flight Sensor
OPT8241 TI1-OPT8241_17 Datasheet
1Mb / 34P
3D Time-of-Flight Sensor
logo
Melexis Microelectronic...
MLX75023 MELEXIS-MLX75023 Datasheet
1Mb / 27P
Time-of-Flight Sensor Array
logo
Texas Instruments
OPT8320 TI-OPT8320_V01 Datasheet
563Kb / 12P
OPT8320 3D Time-of-Flight Sensor
logo
STMicroelectronics
VL53L4CD STMICROELECTRONICS-VL53L4CD Datasheet
2Mb / 37P
Time-of-Flight high accuracy proximity sensor
June 2022 Rev 5
logo
Banner Engineering Corp...
ZMX BANNER-ZMX Datasheet
550Kb / 5P
ZMX Series 3D Time of Flight Sensor
9 February 2023
logo
ams AG
TMF8701 AMSCO-TMF8701 Datasheet
1Mb / 66P
Time-of-Flight Sensor
v2-00 2023-Feb-21
logo
List of Unclassifed Man...
TOF400F ETC-TOF400F Datasheet
4Mb / 13P
Time-of-Flight ranging Sensor-4M
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com