Electronic Components Datasheet Search
  English  ▼

X  

TSL251R Datasheet(PDF) 8 Page - ams AG

Part # TSL251R
Description  Light-to-Voltage Optical Sensors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL251R Datasheet(HTML) 8 Page - ams AG

Back Button TSL251R Datasheet HTML 4Page - ams AG TSL251R Datasheet HTML 5Page - ams AG TSL251R Datasheet HTML 6Page - ams AG TSL251R Datasheet HTML 7Page - ams AG TSL251R Datasheet HTML 8Page - ams AG TSL251R Datasheet HTML 9Page - ams AG TSL251R Datasheet HTML 10Page - ams AG TSL251R Datasheet HTML 11Page - ams AG TSL251R Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Page 8
ams Datasheet
Document Feedback
[v1-00] 2016-May-30
TSL250R, TSL251R, TSL252R − Parameter Measurement Information
Figure 9:
Switching Times
Note(s):
1. The input irradiance is supplied by a pulsed AlInGaP light-emitting diode with the following characteristics: λp = 635nm,
tr < 1μs, tf < 1μs.
2. The output waveform is monitored on an oscilloscope with the following characteristics: tr < 100ns, Zi ≥ 1MΩ, Ci ≤ 20pF.
Parameter Measurement
Information
VOLTAGE WAVEFORM
TEST CIRCUIT
Input
Ee
10%
90%
Output
(see Note
2)
tr
TSL25xR
RL
VDD
2
1
3
+
Output
Pulse
Generator
LED
(see Note
1)
tf
90%
10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com