Electronic Components Datasheet Search
  English  ▼

X  

TMH2GDB Datasheet(PDF) 2 Page - Schneider Electric

Part # TMH2GDB
Description  graphic display unit - 240 x 160 pixels
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

TMH2GDB Datasheet(HTML) 2 Page - Schneider Electric

  TMH2GDB Datasheet HTML 1Page - Schneider Electric TMH2GDB Datasheet HTML 2Page - Schneider Electric TMH2GDB Datasheet HTML 3Page - Schneider Electric TMH2GDB Datasheet HTML 4Page - Schneider Electric TMH2GDB Datasheet HTML 5Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Shock resistance
15 gn 11 ms
Electromagnetic compatibility
Electrostatic discharge 8 kV air discharge) EN/IEC 61000-4-2
Electrostatic discharge 4 kV contact discharge) EN/IEC 61000-4-2
Radiated radio-frequency electromagnetic field immunity test 10 V/m 80 MHz...1
GHz) EN/IEC 61000-4-3
Radiated radio-frequency electromagnetic field immunity test 3 V/m 1.4...2 GHz)
EN/IEC 61000-4-3
Radiated radio-frequency electromagnetic field immunity test 1 V/m 2...3 GHz)
EN/IEC 61000-4-3
Magnetic field at power frequency 30 A/m 50/60 Hz) EN/IEC 61000-4-8
Electrical fast transient/burst immunity test 1 kV EN/IEC 61000-4-4
Surge immunity test 0.5 kV common mode) EN/IEC 61000-4-5
Surge immunity test 0.5 kV differential mode) EN/IEC 61000-4-5
Conducted RF disturbances 10 Vrms 0.15...80 MHz) EN/IEC 61000-4-6
Disturbing field emission 10...150 kHz power lines (DC)) EN/IEC 55011
Disturbing field emission 120...69 dBµV/m QP power lines (DC)) EN/IEC 55011
Disturbing field emission 150...1500 kHz power lines (DC)) EN/IEC 55011
Disturbing field emission 1.5...30 kHz power lines (DC)) EN/IEC 55011
Disturbing field emission 30...230 MHz 10 m)class A EN/IEC 55011
Disturbing field emission 230 MHz...1 GHZ 10 m)class A EN/IEC 55011
Disturbing field emission 79...63 dBμV/m QP power lines (DC)) EN/IEC 55011
Disturbing field emission 63 dBμV/m QP power lines (DC)) EN/IEC 55011
Disturbing field emission 40 dBμV/m QP 10 m)class A EN/IEC 55011
Disturbing field emission 47 dBμV/m QP 10 m)class A EN/IEC 55011
Ordering and shipping details
Category
22533 - M2XX PLC & ACCESSORIES
Discount Schedule
MSX
GTIN
00785901546412
Package weight(Lbs)
0.71 lb(US) (0.32 kg)
Returnability
Yes
Country of origin
ID
Offer Sustainability
Sustainable offer status
Green Premium product
REACh Regulation
REACh Declaration
EU RoHS Directive
Pro-active compliance (Product out of EU RoHS legal scope)
EU RoHS
Declaration
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS Declaration
Environmental Disclosure
Product Environmental Profile
Circularity Profile
End Of Life Information



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com