Electronic Components Datasheet Search
  English  ▼

X  

1754623 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1754623
Description  Printed-circuit board connector - FKCN 2,5/ 8-ST-5,08
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1754623 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1754623 Datasheet HTML 1Page - PHOENIX CONTACT 1754623 Datasheet HTML 2Page - PHOENIX CONTACT 1754623 Datasheet HTML 3Page - PHOENIX CONTACT 1754623 Datasheet HTML 4Page - PHOENIX CONTACT 1754623 Datasheet HTML 5Page - PHOENIX CONTACT 1754623 Datasheet HTML 6Page - PHOENIX CONTACT 1754623 Datasheet HTML 7Page - PHOENIX CONTACT 1754623 Datasheet HTML 8Page - PHOENIX CONTACT 1754623 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
https://www.phoenixcontact.com/pi/products/1754623
02/04/2022   Page 1 / 15
Printed-circuit board connector - FKCN 2,5/ 8-ST-5,08 - 1754623
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PCB connector, nominal cross section: 2.5 mm², color: green, nominal current: 12 A, rated voltage (III/2):
320 V, contact surface: Tin, type of contact: Female connector, number of potentials: 8, number of rows: 1,
number of positions: 8, number of connections: 8, product range: FKCN 2,5/..-ST, pitch: 5.08 mm, connection
method: Push-in spring connection, conductor/PCB connection direction: 0 °, locking clip: - Locking clip,
plug-in system: CLASSIC COMBICON, Locking: without, mounting: without, type of packaging: packed in
cardboard
The figure shows a 10-position
version of the product
Your advantages
 Time saving push-in connection, tools not required
 Intuitive use through colour coded actuation lever
 Extremely small design for the respective conductor cross section
 Defined contact force ensures that contact remains stable over the long term
 Can be combined with the MSTB 2,5 range
Key Commercial Data
Packing unit
50 pc
GTIN
GTIN
4046356330282
Technical data
Item properties
Brief article description
PCB connector
Connector system
CLASSIC COMBICON
Type of contact
Female connector
Range of articles
FKCN 2,5/..-ST
Pitch
5.08 mm
Number of positions
8
Locking
without
Number of rows
1
Number of connections
8
Number of potentials
8


Similar Part No. - 1754623

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1754625-1 TEC-1754625-1 Datasheet
223Kb / 1P
THIS DRAWING IS A CONTROLLED DOCUMENT.
1754625-2 TEC-1754625-2 Datasheet
223Kb / 1P
THIS DRAWING IS A CONTROLLED DOCUMENT.
1754625-3 TEC-1754625-3 Datasheet
223Kb / 1P
THIS DRAWING IS A CONTROLLED DOCUMENT.
logo
PHOENIX CONTACT
1754627 PHOENIX-1754627 Datasheet
782Kb / 20P
MSTB 2,5/11-ST
More results

Similar Description - 1754623

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1732807 PHOENIX-1732807 Datasheet
66Kb / 4P
Printed-circuit board connector - FKCN 2,5/ 8-ST
1754584 PHOENIX-1754584 Datasheet
455Kb / 20P
Printed-circuit board connector - FKCN 2,5/ 4-ST-5,08
1732833 PHOENIX-1732833 Datasheet
356Kb / 14P
Printed-circuit board connector - FKCN 2,5/11-ST
1732894 PHOENIX-1732894 Datasheet
61Kb / 3P
Printed-circuit board connector - FKCN 2,5/18-ST
1754717 PHOENIX-1754717 Datasheet
68Kb / 4P
Printed-circuit board connector - FKCN 2,5/17-ST-5,08
1754720 PHOENIX-1754720 Datasheet
68Kb / 4P
Printed-circuit board connector - FKCN 2,5/18-ST-5,08
1754597 PHOENIX-1754597 Datasheet
460Kb / 22P
Printed-circuit board connector - FKCN 2,5/ 5-ST-5,08
09/12/2020
1754607 PHOENIX-1754607 Datasheet
469Kb / 23P
Printed-circuit board connector - FKCN 2,5/ 6-ST-5,08
09/12/2020
1754610 PHOENIX-1754610 Datasheet
460Kb / 22P
Printed-circuit board connector - FKCN 2,5/ 7-ST-5,08
09/12/2020
1754665 PHOENIX-1754665 Datasheet
455Kb / 22P
Printed-circuit board connector - FKCN 2,5/12-ST-5,08
09/12/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com