Electronic Components Datasheet Search
  English  ▼

X  

MAX6513 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6513
Description  Low-Cost, Remote Temperature Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6513 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6513 Datasheet HTML 1Page - Maxim Integrated Products MAX6513 Datasheet HTML 2Page - Maxim Integrated Products MAX6513 Datasheet HTML 3Page - Maxim Integrated Products MAX6513 Datasheet HTML 4Page - Maxim Integrated Products MAX6513 Datasheet HTML 5Page - Maxim Integrated Products MAX6513 Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Low-Cost, Remote Temperature Switch
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = +3.0V to +5.5V, CS = 2200pF, TA = -40
°C to +85°C, TREMOTE = +45°C to +125°C (Note 1), unless otherwise noted. Typical
values are at TA = +25
°C.) (Note 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1: TREMOTE refers to the temperature of the remote-sensing junction. TA refers to the temperature of the MAX6513 package.
Note 2: All parameters are 100% production tested at TA = +25
°C. Specifications over temperature limits are guaranteed by design.
Note 3: This parameter is guaranteed by design to ±3.5 sigma.
Supply Voltage (VDD) ...............................................-0.3V to +6V
DXP, DXN, HYST, TOVER...........................-0.3V to (VDD + 0.3V)
TOVER Output Current............................................-1mA/+50mA
DXN Input Current...................................................-1mA/+50mA
Current (all other pins)......................................................±20mA
Continuous Power Dissipation (TA = +70
°C)
TDFN (derate 18.2mW/°C above +70
°C)...................1455mW
Operating Temperature Range ...........................-40
°C to +85°C
Storage Temperature Range .............................-65
°C to +150°C
Junction Temperature ......................................................+150
°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature ....................................................+260
°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VDD
3.0
5.5
V
Supply Current
IDD
400
600
μA
TA = -5°C to +55°C
-3.0
+3.0
Temperature Threshold
Accuracy (Note 3)
TTH
TA = -40°C to +85°C
-5.0
+5.0
°C
Power-Supply Sensitivity for
Temperature Trip Point
-0.6
°C/V
HYST = VIL
5
Temperature Threshold
Hysteresis
THYST
HYST = VIH
10
°C
Response Time
70
120
ms
Input Voltage High
VIH
VDD -
0.2
V
Input Voltage Low
VIL
0.2
V
Output Voltage High
VOH
IOUT = 1mA
VDD -
0.2
V
Output Voltage Low
VOL
IOUT = 1mA
0.2
V
Maximum DXP Source
Current
0.4V
VDXP
2V,
DXN = GND
270
μA
Minimum DXP Source
Current
0.4V
VDXP
2V,
DXN = GND
9
μA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com