Electronic Components Datasheet Search
  English  ▼

X  

SI7148DP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI7148DP
Description  N-Channel 75-V (D-S) MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7148DP Datasheet(HTML) 2 Page - Vishay Siliconix

  SI7148DP Datasheet HTML 1Page - Vishay Siliconix SI7148DP Datasheet HTML 2Page - Vishay Siliconix SI7148DP Datasheet HTML 3Page - Vishay Siliconix SI7148DP Datasheet HTML 4Page - Vishay Siliconix SI7148DP Datasheet HTML 5Page - Vishay Siliconix SI7148DP Datasheet HTML 6Page - Vishay Siliconix SI7148DP Datasheet HTML 7Page - Vishay Siliconix SI7148DP Datasheet HTML 8Page - Vishay Siliconix SI7148DP Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
www.vishay.com
2
Document Number: 73314
S09-0273-Rev. B, 16-Feb-09
Vishay Siliconix
Si7148DP
Notes:
a. Surface Mounted on 1" x 1" FR4 board.
b. Maximum under Steady State conditions is 65 °C/W.
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta, b
t
≤ 10 s
RthJA
18
23
°C/W
Maximum Junction-to-Case (Drain)
Steady State
RthJC
1.0
1.3
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
75
V
VDS Temperature Coefficient
ΔV
DS/TJ
ID = 250 µA
75
mV/°C
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
- 6
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
1.5
2.0
2.5
V
VDS = VGS, ID = 5 mA
2.3
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 75 V, VGS = 0 V
1
µA
VDS = 75 V, VGS = 0 V, TJ = 55 °C
10
On-State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = 10 V
30
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V, ID = 15 A
0.0091
0.011
Ω
VGS = 4.5 V, ID = 13.5 A
0.012
0.0145
Forward Transconductancea
gfs
VDS = 15 V, ID = 15 A
60
S
Dynamicb
Input Capacitance
Ciss
VDS = 35 V, VGS = 0 V, f = 1 MHz
2900
pF
Output Capacitance
Coss
370
Reverse Transfer Capacitance
Crss
196
Total Gate Charge
Qg
VDS = 38 V, VGS = 10 V, ID = 15 A
68
100
nC
VDS = 38 V, VGS = 4.5 V, ID = 15 A
33
50
Gate-Source Charge
Qgs
9.5
Gate-Drain Charge
Qgd
16.8
Gate Resistance
Rg
f = 1 MHz
0.5
1.1
1.7
Ω
Turn-On Delay Time
td(on)
VDD = 38 V, RL = 3.8 Ω
ID ≅ 10 A, VGEN = 4.5 V, Rg = 1 Ω
33
50
ns
Rise Time
tr
255
390
Turn-Off Delay Time
td(off)
35
55
Fall Time
tf
100
150
Turn-On Delay Time
td(on)
VDD = 38 V, RL = 3.8 Ω
ID ≅ 10 A, VGEN = 10 V, Rg = 1 Ω
17
26
Rise Time
tr
46
70
Turn-Off Delay Time
td(off)
39
60
Fall Time
tf
18
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com