Electronic Components Datasheet Search
  English  ▼

X  

ML1469 Datasheet(PDF) 3 Page - Minilogic Device Corporation Limited

Part # ML1469
Description  ML1469 4-channel BTL driver for CD players
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML1469 Datasheet(HTML) 3 Page - Minilogic Device Corporation Limited

  ML1469 Datasheet HTML 1Page - Minilogic Device Corporation Limited ML1469 Datasheet HTML 2Page - Minilogic Device Corporation Limited ML1469 Datasheet HTML 3Page - Minilogic Device Corporation Limited ML1469 Datasheet HTML 4Page - Minilogic Device Corporation Limited ML1469 Datasheet HTML 5Page - Minilogic Device Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
_______________________________________________________________
ML1469
BTL Driver for CD Player
May, 2004 V1.3
Recommended operating conditions
Parameter
Symbol
Ratings
Units
Operating Temperature
TOPR
-25 ~ +85
oC
Operating Voltage
VOPR
5.0 ~ 12.0
V
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Units
Supply Voltage
VCC
13.5
V
Power Dissipation
Pd
1.7 *1
W
Storage Temperature
Tstg
-55 ~ +150
oC
Note 1 : Use base condition : 100x100mm, t=1.6mm, copper leaf 50%, glass epoxy mounting.
Derating is done at 13.6mW/ oC for operation above Ta = 25 oC.
Electrical Characteristics
Parameter
Symbol
Conditions
Min Typ Max Units
Quiescent Current
ICC
No load
5.5 10.0 13.0 mA
Output Voltage Offset
VOO
-40
40
mV
Output Voltage “H”
VOHD
5.2 5.6
V
Output Voltage “L”
VOLD
1.3 1.55
V
Gain (Close Circuit)
GVC
VIN=0.1Vrms, f=1kHz
7.0 8.0 9.0
V
Ripple Rejection
RR
VIN=0.1Vrms, f=100Hz
60
dB
Slew Rate
SR
VOUT=3Vp-p square wave, f=100kHz
2.0
V/uS
Mute-off Voltage
VMOFF
2.0
V
3.3V / 5.0V Regulator
3.10 3.30 3.50
Output Voltage
VREG
IL=100mA
4.75 5.00 5.25
V
Load Regulation
∆VRL
IL=0 ~ 200mA
-50
0
10
mV
Line Regulation
∆VVCC
VCC=6 ~9V, IL=100mA
-10
0
35
mV
Operational Amplifier
Offset Voltage
VOFOP
-2
0
2
mV
Input Bias Current
IBOP
20 300
nA
“H” Level Output Voltage
VOHOP
6.0
V
“L” Level Output Voltage
VOLOP
1.8
V
Output Drive Current (Sink)
ISINK
50 ohm, at VCC
10
50
mA
Output Drive Current (Source) ISOURCE
50 ohm, at ground
10
30
mA
Voltage Gain (Open Circuit)
GVO
VIN=75dBV,f=1kHz
78
dB
Slew Rate
SROP
VOUT=4VP-P square, f=100kHz
1
V/uS
Ripple Rejection
RROP
VIN=-20dBV,f=100kHz
65
dB
Common Mode Rejection Ratio CMRR
VIN=-20dBV,f=1kHz
70
84
dB
3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com