Electronic Components Datasheet Search
  English  ▼

X  

ML5954 Datasheet(PDF) 3 Page - Minilogic Device Corporation Limited

Part # ML5954
Description  ML5954 4-channel BTL driver for CD-ROM Driver & DVD Player
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML5954 Datasheet(HTML) 3 Page - Minilogic Device Corporation Limited

  ML5954 Datasheet HTML 1Page - Minilogic Device Corporation Limited ML5954 Datasheet HTML 2Page - Minilogic Device Corporation Limited ML5954 Datasheet HTML 3Page - Minilogic Device Corporation Limited ML5954 Datasheet HTML 4Page - Minilogic Device Corporation Limited ML5954 Datasheet HTML 5Page - Minilogic Device Corporation Limited ML5954 Datasheet HTML 6Page - Minilogic Device Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
_______________________________________________________________
ML5954
BTL Driver for CD-ROM Drivers & DVD Player
May, 2004 V1.0
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Units
Supply Voltage
VCC, PVCC1/2
13.5
V
Power Dissipation
Pd
1.7 *1
W
Storage Temperature
Tstg
-55 ~ +150
oC
Note 1 : Power dissipation is reduced by 5mW for each increase in TA of 1°C over 25°C.
Note 2 : Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond those
indicated under “Recommended Operating Conditions” is not implied. Exposure to “Absolute Maximum Ratings” for
extended periods may affect device reliability.
Recommended operating conditions
Parameter
Symbol
Ratings
Units
Operating Temperature
TOPR
0 ~ +70
oC
VCC
4.3 ~ 13.2
V
PVCC1
4.3 ~ VCC
V
Supply Voltage
PVCC2
4.3 ~ VCC
V
3/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com