Electronic Components Datasheet Search
  English  ▼

X  

GDP14RPT Datasheet(PDF) 2 Page - IOGEAR

Part # GDP14RPT
Description  DisplayPort 1.4 8K Repeater
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IOGEAR [IOGEAR]
Direct Link  https://www.iogear.com/
Logo IOGEAR - IOGEAR

GDP14RPT Datasheet(HTML) 2 Page - IOGEAR

  GDP14RPT Datasheet HTML 1Page - IOGEAR GDP14RPT Datasheet HTML 2Page - IOGEAR  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Requirements
DisplayPort Male Connector
at both Input and Output
Ports
Package Contents
1 DisplayPort
Repeater
1 USB Power Cable
Specifications
Function
GDP14RPT
Cable Connections
Output
DisplayPort Female
Input
DisplayPort Female
Cable Length
Up to 30 ft. input and output
Cascade
up to 3 levels
Color Depth
10-bit
Connectors
Video Input
DisplayPort
Video Output
DisplayPort
Display Output
DisplayPort
DP 1.4
Environment
Operation Temperature
32~113°F (0~45°C)
Storage Temperature
-14°F ~ 158°F (-10 - 70°C)
Humidity
0-85% RH (Non-Condensing)
Housing
Case
Plastic
Power Supply
USB power cable
Video Resolution
Up to 8K @60Hz
Warranty
3 - Year
Power Consumption
1W (5V/200mA)
Video Streaming
Bandwidth: Max 8.1 Gbps
Dimensions
GDP14RPT
POP Information
10'' Peg Hook
9
Unit Dimensions
Height
0.39"
Length
2.56"
Depth
0.91"
Inner Pack
Height
4.13"
Length
12.80"
Width
7.09"
Inner Pack Qty.
12
Unit Package Dimensions
Height
0.94"
Length
3.54"
Depth
3.14"
Master Carton
Height
4.13"
Width
14.18"
Depth
25.60"
Master Carton Qty.
48
Weight
Master Carton Wt.
7.71 lb
Inner Pack Wt.
1.76 lb
Unit Pack Wt.
0.15 lb
Unit Wt.
0.05 lb



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com