Electronic Components Datasheet Search
  English  ▼

X  

BAT54L Datasheet(PDF) 4 Page - FutureWafer Tech Co.,Ltd

Part # BAT54L
Description  Surface Mount Schottky Barrier Diode
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

BAT54L Datasheet(HTML) 4 Page - FutureWafer Tech Co.,Ltd

  BAT54L Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd BAT54L Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd BAT54L Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd BAT54L Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd BAT54L Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd BAT54L Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd BAT54L Datasheet HTML 7Page - FutureWafer Tech Co.,Ltd BAT54L Datasheet HTML 8Page - FutureWafer Tech Co.,Ltd BAT54L Datasheet HTML 9Page - FutureWafer Tech Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
BAT54 Family
Surface Mount Schottky Barrier Diode
4
Document No.: F41806F
07-FEB-2022 V 2.2
www.futurewafer.com.tw
FQE-001-04
Reverse Voltage, V R (V)
Fig 4. Total Capacitance vs. V R
Fig 3. Typical Reverse Current Characteristics
T A = 25°C
T A = 85°C
T A = 125°C
Reverse Voltage, V R (V)
Fig 6. Reverse Leakage Current
vs. Junction Temperature
Average Temperature, T A (°C)
V R = 3V
Fig 7. Relative Variation of Thermal Impedance
Junction to Ambient vs. Pulse Duration
SOT323 / SOT363 / SOD323 / 323FL
SOD523FL
SOT23 / SOD123 / DFN1006-2L
Pulse Duration, t p (S)
3-3. Ratings and Characteristics Curve-Fig 3~7
Forward Current, I F (A)
δ=0.05
δ=0.1
δ=0.2
δ=0.5
δ=1.0
Fig 5. Average Forward Power Dissipation
vs. Average Forward Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com