Electronic Components Datasheet Search
  English  ▼

X  

GHDC2003 Datasheet(PDF) 1 Page - IOGEAR

Part # GHDC2003
Description  Premium High Speed HDMI짰 Cable 9.8 ft.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IOGEAR [IOGEAR]
Direct Link  https://www.iogear.com/
Logo IOGEAR - IOGEAR

GHDC2003 Datasheet(HTML) 1 Page - IOGEAR

  GHDC2003 Datasheet HTML 1Page - IOGEAR GHDC2003 Datasheet HTML 2Page - IOGEAR  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GHDC2003
Premium High Speed HDMI
®
Cable 9.8 ft.
Premium High Speed HDMI® Cable
Not all cables are created equal. A step above the rest, IOGEAR's Premium High Speed HDMI Cable has undergone the strictly
regulated cable testing requirements and achieved the best practices of the Premium HDMI Cable Certification Program established
by HDMI® Licensing LLC. HDMI Authorized Testing Centers (ATC) have certified that each cable can reliably support the full 18Gbps
bandwidth of the HDMI 2.0b specification and protect against EMI interference with wireless signals from other connected devices.
You will enjoy peace of mind knowing that you have acquired a high speed HDMI cable which has been rigorously controlled at every
point in the development process and will serve as a vital component in successfully delivering the latest HDMI-enabled digital audio
and video and feature-rich 4K content. Available in 1.6ft, 3.3ft, 6.6ft and 9.8ft lengths.
Rely on the Cable with the Label
Once the Premium High Speed HDMI Cable has passed the rigorous testing requirements at an HDMI ATC, each cable is adorned
with an official Premium HDMI Cable Authentication Label to differentiate it from other HDMI cables. This label also prevents
counterfeiting and carries with it both a QR code and a unique holographic fingerprint. You can use the HDMI mobile verification app
available for download from various app stores to complete the 2-level authentication scan and verify the cable's authenticity,
certification and product information.
Tested and certified by HDMI Authorized Test Centers to ensure the
highest level of HDMI performance
Supports high-bandwidth HDMI 2.0b specification and video
resolutions up to 4K@60Hz
Supports DTS-HD Master Audio™, Dolby TrueHD™ and other high-
definition audio standards
Enables transmission of High Dynamic Range (HDR) video
Delivers full 18Gbps bandwidth (6.0Gbps/channel)
Supports IR Remote signal transmission to control source device
Simultaneous delivery of dual video streams to a single display
Gold-plated connectors for optimal signal transfer


Similar Part No. - GHDC2003

ManufacturerPart #DatasheetDescription
logo
IOGEAR
GHDC2001 IOGEAR-GHDC2001 Datasheet
141Kb / 2P
Premium High Speed HDMI짰 Cable 3.3 ft.
GHDC200A IOGEAR-GHDC200A Datasheet
139Kb / 2P
Premium High Speed HDMI짰 Cable 1.6 ft
More results

Similar Description - GHDC2003

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N28F-03M-AQ TRIPPLITE-N28F-03M-AQ Datasheet
164Kb / 3P
QSFP to QSFP Active Optical Cable - 40Gb, AOC, M/M, Aqua, 3 m (9.8 ft.)
N28H-03M-AQ TRIPPLITE-N28H-03M-AQ Datasheet
164Kb / 3P
QSFP28 to QSFP28 Active Optical Cable - 100GbE, AOC, M/M, Aqua, 3 m (9.8 ft.)
P569-006-CERT TRIPPLITE-P569-006-CERT Datasheet
173Kb / 3P
Premium High-Speed HDMI Cable with Ethernet and Gripping Connectors, HDMI 2.0, UHD 4K x 2K @ 60 Hz (M/M), 6 ft.
P569-010-CERT TRIPPLITE-P569-010-CERT Datasheet
175Kb / 3P
Premium High-Speed HDMI Cable with Ethernet and Gripping Connectors, HDMI 2.0, UHD 4K x 2K @ 60 Hz (M/M), 10 ft.
P569-015-CERT TRIPPLITE-P569-015-CERT Datasheet
175Kb / 3P
Premium High-Speed HDMI Cable with Ethernet and Gripping Connectors, HDMI 2.0, UHD 4K x 2K @ 60 Hz (M/M), 15 ft.
P569-003-CERT TRIPPLITE-P569-003-CERT Datasheet
181Kb / 3P
Premium High-Speed HDMI Cable with Ethernet and Gripping Connectors, HDMI 2.0, UHD 4K x 2K @ 60 Hz (M/M), 3 ft.
logo
IOGEAR
GHDC2001 IOGEAR-GHDC2001 Datasheet
141Kb / 2P
Premium High Speed HDMI짰 Cable 3.3 ft.
GHDC200A IOGEAR-GHDC200A Datasheet
139Kb / 2P
Premium High Speed HDMI짰 Cable 1.6 ft
GHDC2101 IOGEAR-GHDC2101 Datasheet
139Kb / 2P
Ultra-High-Speed 10K HDMI짰 Cable 3.3 Ft.
GHDC2102 IOGEAR-GHDC2102 Datasheet
139Kb / 2P
Ultra-High-Speed 10K HDMI짰 Cable 6.6 Ft.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com