Electronic Components Datasheet Search
  English  ▼

X  

GHSP8422 Datasheet(PDF) 2 Page - IOGEAR

Part # GHSP8422
Description  4K Ultra HD 2-Port Splitter with HDMI Connectors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IOGEAR [IOGEAR]
Direct Link  https://www.iogear.com/
Logo IOGEAR - IOGEAR

GHSP8422 Datasheet(HTML) 2 Page - IOGEAR

  GHSP8422 Datasheet HTML 1Page - IOGEAR GHSP8422 Datasheet HTML 2Page - IOGEAR GHSP8422 Datasheet HTML 3Page - IOGEAR  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Requirements
Display
4K TV, 4K HD
Display or 4K HD
Projector with HDMI
Input
Media Source
1 HDMI Output
Package Contents
1 x GSP8422 2-Port
Splitter with HDMI
Connectors
1 x Power Adapter
1 x HDMI Cable
1 x Quick Install
Guide
1 x Warranty Card



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com