Electronic Components Datasheet Search
  English  ▼

X  

CG6257AM Datasheet(PDF) 1 Page - Weida Semiconductor, Inc.

Part # CG6257AM
Description  4Mb (256K x 16) Pseudo Static RAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDA [Weida Semiconductor, Inc.]
Direct Link  http://www.weida.com.my/website/
Logo WEIDA - Weida Semiconductor, Inc.

CG6257AM Datasheet(HTML) 1 Page - Weida Semiconductor, Inc.

  CG6257AM Datasheet HTML 1Page - Weida Semiconductor, Inc. CG6257AM Datasheet HTML 2Page - Weida Semiconductor, Inc. CG6257AM Datasheet HTML 3Page - Weida Semiconductor, Inc. CG6257AM Datasheet HTML 4Page - Weida Semiconductor, Inc. CG6257AM Datasheet HTML 5Page - Weida Semiconductor, Inc. CG6257AM Datasheet HTML 6Page - Weida Semiconductor, Inc. CG6257AM Datasheet HTML 7Page - Weida Semiconductor, Inc. CG6257AM Datasheet HTML 8Page - Weida Semiconductor, Inc. CG6257AM Datasheet HTML 9Page - Weida Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
PRELIMINARY
4Mb (256K x 16) Pseudo Static RAM
CG6257AM
Weida Semiconductor, Inc.
38-XXXXX
Revised August 2003
Features
• Wide voltage range: 2.70V–3.30V
• Access Time: 70ns
• Ultra-low active power
— Typical active current: 2.0mA @ f = 1 MHz
— Typical active current: 13mA @ f = fmax
• Ultra low standby power
• Automatic power-down when deselected
• CMOS for optimum speed/power
• Offered in a 48 Ball BGA Package
Functional Description[1]
The CG6257AM is a high-performance CMOS Pseudo static
RAM organized as 256K words by 16 bits that supports an
asynchronous memory interface. This device features
advanced circuit design to provide ultra-low active current.
This is ideal for providing More Battery Life® (MoBL) in
portable applications such as cellular telephones. The device
can be put into standby mode reducing power consumption by
more than 99% The device can also be put into standby mode
when deselected (CE HIGH or both BHE and BLE are HIGH).
The input/output pins (I/O0 through I/O15) are placed in a
high-impedance state when: deselected (CE HIGH ), outputs
are disabled (OE HIGH), both Byte High Enable and Byte Low
Enable are disabled (BHE, BLE HIGH), or during a write
operation (CE LOW and WE LOW). The addresses must not
be toggled once the read is started on the device.
Writing to the device is accomplished by taking Chip Enables
(CE LOW ) and Write Enable (WE) input LOW. If Byte Low
Enable (BLE) is LOW, then data from I/O pins (I/O0 through
I/O7), is written into the location specified on the address pins
(A0 through A17). If Byte High Enable (BHE) is LOW, then data
from I/O pins (I/O8 through I/O15) is written into the location
specified on the address pins (A0 through A17).
Reading from the device is accomplished by taking Chip
Enables (CE LOW) and Output Enable (OE) LOW while
forcing the Write Enable (WE) HIGH. If Byte Low Enable (BLE)
is LOW, then data from the memory location specified by the
address pins will appear on I/O0 to I/O7. If Byte High Enable
(BHE) is LOW, then data from memory will appear on I/O8 to
I/O15. See the truth table at the back of this datasheet for a
complete description of read and write modes
Note:
1.
For best-practice recommendations, please refer to the Cypress application note “System Design Guidelines” on http://www.cypress.com.
Logic Block Diagram
256K × 16
RAM Array
I/O0 – I/O7
A 8
A 7
A 6
A 5
A 2
COLUMN DECODER
DATA IN DRIVERS
OE
A 4
A 3
I/O8 – I/O15
WE
BLE
BHE
A 0
A 1
A 9
A10
Power-Down
Circuit
BHE
BLE
CE
CE


Similar Part No. - CG6257AM

ManufacturerPart #DatasheetDescription
logo
Littelfuse
CG6250 LITTELFUSE-CG6250 Datasheet
706Kb / 4P
The Littelfuse CG6 series GDT is a miniature surface-mount device with a 3kA 8/20 surge rating
logo
Weida Semiconductor, In...
CG6258AM WEIDA-CG6258AM Datasheet
295Kb / 12P
4Mb (256K x 16) Pseudo Static RAM
More results

Similar Description - CG6257AM

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5PV16256 SHARP-LH5PV16256 Datasheet
116Kb / 14P
CMOS 4M (256K x 16) Pseudo-Static RAM
logo
Cypress Semiconductor
CY7C1041 CYPRESS-CY7C1041 Datasheet
182Kb / 10P
256K x 16 Static RAM
October 4, 1999
logo
Weida Semiconductor, In...
CG6258AM WEIDA-CG6258AM Datasheet
295Kb / 12P
4Mb (256K x 16) Pseudo Static RAM
logo
Cypress Semiconductor
CY7C1041BNV33 CYPRESS-CY7C1041BNV33 Datasheet
414Kb / 8P
256K x 16 Static RAM
CYK256K16MCCB CYPRESS-CYK256K16MCCB Datasheet
388Kb / 10P
4-Mbit (256K x 16) Pseudo Static RAM
CYK256K16SCCB CYPRESS-CYK256K16SCCB Datasheet
314Kb / 10P
4-Mbit (256K x 16) Pseudo Static RAM
CY62146CV18 CYPRESS-CY62146CV18 Datasheet
299Kb / 12P
256K x 16 Static RAM
CY62147CV18 CYPRESS-CY62147CV18_02 Datasheet
300Kb / 11P
256K x 16 Static RAM
logo
Elite Semiconductor Mem...
M24L416256DA ESMT-M24L416256DA Datasheet
317Kb / 15P
4-Mbit (256K x 16) Pseudo Static RAM
M24L416256SA ESMT-M24L416256SA Datasheet
322Kb / 14P
4-Mbit (256K x 16) Pseudo Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com