Electronic Components Datasheet Search
  English  ▼

X  

CG6258AM Datasheet(PDF) 2 Page - Weida Semiconductor, Inc.

Part # CG6258AM
Description  4Mb (256K x 16) Pseudo Static RAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDA [Weida Semiconductor, Inc.]
Direct Link  http://www.weida.com.my/website/
Logo WEIDA - Weida Semiconductor, Inc.

CG6258AM Datasheet(HTML) 2 Page - Weida Semiconductor, Inc.

  CG6258AM Datasheet HTML 1Page - Weida Semiconductor, Inc. CG6258AM Datasheet HTML 2Page - Weida Semiconductor, Inc. CG6258AM Datasheet HTML 3Page - Weida Semiconductor, Inc. CG6258AM Datasheet HTML 4Page - Weida Semiconductor, Inc. CG6258AM Datasheet HTML 5Page - Weida Semiconductor, Inc. CG6258AM Datasheet HTML 6Page - Weida Semiconductor, Inc. CG6258AM Datasheet HTML 7Page - Weida Semiconductor, Inc. CG6258AM Datasheet HTML 8Page - Weida Semiconductor, Inc. CG6258AM Datasheet HTML 9Page - Weida Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ADVANCE INFORMATION
CG6258AM
38-XXXXX
Page - 2 - of 12
Pin Configuration[2, 3, 4]
FBGA
Note:
2.
NC “no connect” - not connected internally to the die.
3.
DNU pins are to be left floating or tied to Vss.
4.
Ball G2 and H6 are the expansion pins for the 16Mb and 32Mb density resectively.
WE
A11
A10
A6
A0
A3
CE
I/O10
I/O8
I/O9
A4
A5
I/O11
I/O13
I/O12
I/O14
I/O15
VSS
A9
A8
OE
Vss
A7
I/O0
BHE
CE2
A17
A2
A1
BLE
VCC
I/O2
I/O1
I/O3
I/O4
I/O5
I/O6
I/O7
A15
A14
A13
A
12
NC/
A18
NC/
3
2
6
5
4
1
D
E
B
A
C
F
G
H
Top View
A16
GND
Vcc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com