Electronic Components Datasheet Search
  English  ▼

X  

SLMD321H09L Datasheet(PDF) 1 Page - IXYS Corporation

Part # SLMD321H09L
Description  High Efficiency SolarMD Monocrystalline silicon technology
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

SLMD321H09L Datasheet(HTML) 1 Page - IXYS Corporation

  SLMD321H09L Datasheet HTML 1Page - IXYS Corporation SLMD321H09L Datasheet HTML 2Page - IXYS Corporation SLMD321H09L Datasheet HTML 3Page - IXYS Corporation SLMD321H09L Datasheet HTML 4Page - IXYS Corporation SLMD321H09L Datasheet HTML 5Page - IXYS Corporation SLMD321H09L Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
IXYS reserves the right to change limits, test conditions and dimensions
© 2010 IXYS All rights reserved
IXYS KOREA LTD.
1
IXYS Corporation
A-dong #1106, Uspace 1, 660 Daewangpangyo-ro,
1590 Buckeye Drive, Milpitas,
Bundang-gu, Seongnam-si, Gyeonggi-Do (Korea)
CA 95035-7418, United States
Phone +82-70-7113-0300, Fax +82-70-7113-0301
Rev. Aug. 2017
Phone (408) 457-9000, Fax 408-496-0670
IXOLAR
TM High Efficiency SolarMD.
Description
IXOLAR
TM SolarMD is an IXYS product line of Solar Module made of monocrystalline, high efficiency solar
cells. The IXOLAR
TM SolarMD is an ideal for charging various battery powered and handheld consumer
products such as mobile phones, cameras, PDAs, MP3-Players and toys. They are also suitable for
industrial applications such as wireless sensors, portable instrumentation and for charging emergency
backup batteries.
With a cell efficiency of typically 22%, SolarMD gives the ability to extend run time even in "low light"
conditions and increase battery life and run time in a small footprint, which can be easily accommodated in
the design of portable products. The design allows connecting SolarMD flexibly in series and/or parallel to
perfectly meet the custom-specific
application’s power requirements.
IXOLAR
TM products have a very good photonic response over a wide range of wavelength and therefore
can be used in both indoor and outdoor applications.
Product and Ordering Information
(parameters given are typical values)
Dimensions (L x W x H): 58 x 58 x 1.8 ±0.3 [mm]
SolarMD Weight: 12 grams
Storage Temperature : -40°C ~ +90°C
SolarMD are compliant to the RoHS Norm.
SolarMD Electrical Characteristics
Symbol
Cell Parameter
Typical
Ratings *)
Units
VOC
open circuit voltage
5.03
V
ISC
short circuit current
128.1
mA
Vmpp
voltage at max. power point
4.77
V
Impp
current at max. power point
115.9
mA
Pmpp
maximum peak power
553
mW
FF
fill factor
> 70
%
η
solar cell efficiency
22
%
ΔVOC/ΔT
open circuit voltage temp. coefficient
-2.1
mV/K
ΔJSC/ΔT
short circuit current temp. coefficient
0.12
mA/(cm²K)
*) All values measured at Standard Condition: 1 sun (= 1000 W/m²), Air Mass 1.5, 25°C
Part Number
Open Circuit
Voltage [V]
Short Circuit
Current [mA]
Typ. Voltage
@ Pmpp [V]
Typ. Current
@ Pmpp [mA]
SLMD321H09L
6.03
128.1
4.77
115.9
Features
• Monocrystalline silicon technology
• High efficiency outdoor and indoor
• Long life and stable output
• Sealed Package
• High mechanical robustness
Applications
• Battery chargers for portables such as cell
phones, PDAs, GPS-
Systems, …
• “Green” electricity generation
• Power backup for UPS, Sensors, Wearables
Advantages
• One Product for Multiple Applications
• Flexible Integration into the Application


Similar Part No. - SLMD321H09L

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
SLMD360H10L IXYS-SLMD360H10L Datasheet
642Kb / 6P
High Efficiency SolarMD Monocrystalline silicon technology
Rev. Aug. 2017
More results

Similar Description - SLMD321H09L

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
KXOB22-01X8F IXYS-KXOB22-01X8F Datasheet
802Kb / 6P
High Efficiency SolarBIT Monocrystalline silicon technology
Rev. Nov. 2017
KXOB22-04X3F IXYS-KXOB22-04X3F Datasheet
760Kb / 6P
High Efficiency SolarBIT. Monocrystalline silicon technology
Rev. Nov. 2017
KXOB22-12X1F IXYS-KXOB22-12X1F Datasheet
606Kb / 6P
High Efficiency SolarBIT Monocrystalline silicon technology
Rev. Nov. 2017
SLMD121H04L IXYS-SLMD121H04L Datasheet
652Kb / 6P
High Efficiency SolarMD Monocrystalline silicon technology
Rev. Aug. 2017
SLMD121H06L IXYS-SLMD121H06L Datasheet
631Kb / 6P
High Efficiency SolarMD Monocrystalline silicon technology
Rev. Aug. 2017
SLMD121H08L IXYS-SLMD121H08L Datasheet
647Kb / 6P
High Efficiency SolarMD Monocrystalline silicon technology
Rev. Aug. 2017
SLMD121H09L IXYS-SLMD121H09L Datasheet
669Kb / 6P
High Efficiency SolarMD Monocrystalline silicon technology
Rev. Aug. 2017
SLMD242H10L IXYS-SLMD242H10L Datasheet
653Kb / 6P
High Efficiency SolarMD Monocrystalline silicon technology
Rev. Aug. 2017
SLMD360H10L IXYS-SLMD360H10L Datasheet
642Kb / 6P
High Efficiency SolarMD Monocrystalline silicon technology
Rev. Aug. 2017
SLMD480H12L IXYS-SLMD480H12L Datasheet
657Kb / 6P
High Efficiency SolarMD
Rev. Aug. 2017
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com