Electronic Components Datasheet Search
  English  ▼

X  

2402992 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2402992
Description  LED light - PLD T/1AC/AS/2CON
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2402992 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2402992 Datasheet HTML 1Page - PHOENIX CONTACT 2402992 Datasheet HTML 2Page - PHOENIX CONTACT 2402992 Datasheet HTML 3Page - PHOENIX CONTACT 2402992 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/pi/products/2402992
09/12/2020   Page 1 / 4
LED light - PLD T/1AC/AS/2CON - 2402992
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
LED light, 230 V AC, color temperature 5000 K, length 362 mm, QUICKON connection, Light housing: Plastic,
Wide distribution optic, Suitable for series connection of several lights
Your advantages
 Impact strength IK-Code 06
 Color temperature 5000 K
 IP67 degree of protection
 LED technology
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4055626244051
Technical data
Dimensions
Width
91.7 mm
Height
76.2 mm
Length
362 mm
Note on dimensions
Specfications with connectors
Ambient conditions
Ambient temperature (operation)
-40 °C ... 70 °C
Ambient temperature (storage/transport)
-40 °C ... 85 °C
Permissible humidity (operation)
95 %
Permissible humidity (storage/transport)
95 % (non-condensing)
Air pressure (operation)
70 kPa ... 106 kPa (up to 3000 m above sea level)
Air pressure (storage/transport)
70 kPa ... 106 kPa (up to 3000 m above sea level)
Degree of protection
IP67


Similar Part No. - 2402992

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2402991 PHOENIX-2402991 Datasheet
64Kb / 4P
LED light - PLD T/1AC/AS/1CON
09/12/2020
More results

Similar Description - 2402992

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2702221 PHOENIX-2702221 Datasheet
112Kb / 8P
LED enclosure light - PLD E 400 W 250
2702222 PHOENIX-2702222 Datasheet
112Kb / 8P
LED enclosure light - PLD E 400 W 375
2702223 PHOENIX-2702223 Datasheet
112Kb / 8P
LED enclosure light - PLD E 400 W 500
2702224 PHOENIX-2702224 Datasheet
126Kb / 7P
LED enclosure light - PLD E 608 W 265
2702435 PHOENIX-2702435 Datasheet
72Kb / 4P
Mains plug - PLD E 400-PS/1AC/24DC/12W
2402991 PHOENIX-2402991 Datasheet
64Kb / 4P
LED light - PLD T/1AC/AS/1CON
09/12/2020
2403121 PHOENIX-2403121 Datasheet
64Kb / 4P
LED light - PLD T/1AC/UD/1CON
09/12/2020
2403122 PHOENIX-2403122 Datasheet
65Kb / 4P
LED light - PLD T/1AC/UD/2CON
09/12/2020
1319565 PHOENIX-1319565 Datasheet
501Kb / 8P
LED enclosure light - PLD E 706 W 395 E
Nov 16, 2022
1319569 PHOENIX-1319569 Datasheet
498Kb / 9P
LED enclosure light - PLD E 409 W 350
Nov 16, 2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com