Electronic Components Datasheet Search
  English  ▼

X  

MAX22290 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX22290
Description  Reinforced, Fast, Low-Power, Two-Channel Digital Isolators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX22290 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX22290 Datasheet HTML 1Page - Maxim Integrated Products MAX22290 Datasheet HTML 2Page - Maxim Integrated Products MAX22290 Datasheet HTML 3Page - Maxim Integrated Products MAX22290 Datasheet HTML 4Page - Maxim Integrated Products MAX22290 Datasheet HTML 5Page - Maxim Integrated Products MAX22290 Datasheet HTML 6Page - Maxim Integrated Products MAX22290 Datasheet HTML 7Page - Maxim Integrated Products MAX22290 Datasheet HTML 8Page - Maxim Integrated Products MAX22290 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
MAX22290/MAX22291
Reinforced, Fast, Low-Power,
Two-Channel Digital Isolators
www.analog.com
Analog Devices | 4
(VDDA - VGNDA = 1.71V to 5.5V, VDDB - VGNDB = 1.71V to 5.5V, CL = 15pF, TA = -40°C to +125°C, unless otherwise noted. Typical
values are at VDDA - VGNDA = 3.3V, VDDB - VGNDB = 3.3V, VGNDA = VGNDB, TA = +25°C, unless otherwise noted.) (Notes 1, 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VDDB = 2.5V
1.98
2.72
VDDB = 1.8V
1.80
2.40
LOGIC INTERFACE (IN_, OUT_)
Input High Voltage
VIH
2.25V ≤ VDD_ ≤ 5.5V
0.7 x
VDD_
V
1.71V ≤ VDD_ < 2.25V
0.75 x
VDD_
Input Low Voltage
VIL
2.25V ≤ VDD_ ≤ 5.5V
0.8
V
1.71V ≤ VDD_ < 2.25V
0.7
Input Hysteresis
VHYS
MAX2229_B/E
410
mV
MAX2229_C/F
80
Input Pullup Current
IPU
MAX2229_B/C
-10
-5
-1.5
µA
Input Pulldown Current
IPD
MAX2229_E/F
1.5
5
10
µA
Input Capacitance
CIN
fSW = 1MHz
2
pF
Output Voltage High
VOH
IOUT = -4mA source
VDD_ -
0.4
V
Output Voltage Low
VOL
IOUT = 4mA sink
0.4
V
Dynamic Characteristics MAX2229_C/F
(VDDA - VGNDA = 1.71V to 5.5V, VDDB - VGNDB = 1.71V to 5.5V, CL = 15pF, TA = -40°C to +125°C, unless otherwise noted. Typical
values are at VDDA - VGNDA = 3.3V, VDDB - VGNDB = 3.3V, VGNDA = VGNDB, TA = +25°C, unless otherwise noted.) (Notes 2, 4)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Common-Mode
Transient Immunity
CMTI
IN_ = GND_ or VDD_ (Note 5)
50
kV/µs
Maximum Data Rate
DRMAX
2.25V ≤ VDD_ ≤ 5.5V
200
Mbps
1.71V ≤ VDD_ < 2.25V
150
Minimum Pulse Width
PWMIN
2.25V ≤ VDD_ ≤ 5.5V
5
ns
1.71V ≤ VDD_ < 2.25V
6.67
Propagation Delay
(Figure 1)
tPLH
IN_ to OUT_,
CL = 15pF
4.5V ≤ VDD_ ≤ 5.5V
4.4
6.2
9.5
ns
3.0V ≤ VDD_ ≤ 3.6V
4.8
7.0
11.2
2.25V ≤ VDD_ ≤
2.75V
5.3
8.3
14.7
1.71V ≤ VDD_ ≤
1.89V
7.1
12.3
22.1
tPHL
IN_ to OUT_,
CL = 15pF
4.5V ≤ VDD_ ≤ 5.5V
4.6
6.5
9.9
3.0V ≤ VDD_ ≤ 3.6V
5.0
7.3
11.6
2.25V ≤ VDD_ ≤
2.75V
5.4
8.5
14.9
1.71V ≤ VDD_ ≤
1.89V
7.2
12.1
21.8
Pulse Width Distortion
PWD
|tPLH - tPHL|
4.5V ≤ VDD_ ≤ 5.5V
0.4
2
ns
3.0V ≤ VDD_ ≤ 3.6V
0.4
2
2.25V ≤ VDD_ ≤
2.75V
0.3
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com