Electronic Components Datasheet Search
  English  ▼

X  

GHSW8481 Datasheet(PDF) 2 Page - IOGEAR

Part # GHSW8481
Description  True 4K 8-Port Switcher with HDMI connection (TAA Compliant)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IOGEAR [IOGEAR]
Direct Link  https://www.iogear.com/
Logo IOGEAR - IOGEAR

GHSW8481 Datasheet(HTML) 2 Page - IOGEAR

  GHSW8481 Datasheet HTML 1Page - IOGEAR GHSW8481 Datasheet HTML 2Page - IOGEAR  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Requirements
Up to 8 HDMI source
Devices
1 HDMI Display or
Projector
Package Contents
1 x GHSW8481
8-Port True 4K Video
Switch
1 x IR Remote
Control
1 x IR Extension
Cable
1 x Power Adapter
1 x Rack Mounting Kit
1 x Quick Start Guide
1 x Warranty Card
Specifications
Function
GHSW8481
Switches
DIP
1 x Auto Switch On/Off
Video connections
Input
8 x HDMI Type A Female
Output
1 x HDMI Type A Female
Cable Length
Maximum of 9.84 Feet
Video Performance
Local
HDCP 2.2 with CEC support
Video Resolution
4096 x 2160 @ 60Hz (4:4:4)
Connectors
RS-232
Connector: 1 x DB-9 Female (Black)
Power
1 x DC Jack with locking barrel
Power Adapter
5.3 VDC/1A
Power Consumption
3.73 W
Transmission Power
Max. Data Rate 18 Gbsp
Operating Temperature
32~104°F (0~40°C)
Storage Temperature
-4F ~ 140F (-20 - 60C)
Environment
Humidity
0 - 80% RH, Non-Condensing
Dimensions
GHSW8481
Unit Dimensions
Height
1.75 in
Length
17.25 in
Depth
6.25 in
Unit Package Dimensions
Height
9.25 in
Length
21.25 in
Depth
4.50 in
Master Carton
Height
Width
Depth
Master Carton Qty.
3
Weight
Master Carton Wt.
Unit Pack Wt.
5.70 lb
Unit Wt.
3.95 lb



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com