Electronic Components Datasheet Search
  English  ▼

X  

GKB635W Datasheet(PDF) 2 Page - IOGEAR

Part # GKB635W
Description  Wireless Smart TV Keyboard w/Trackball
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IOGEAR [IOGEAR]
Direct Link  https://www.iogear.com/
Logo IOGEAR - IOGEAR

GKB635W Datasheet(HTML) 2 Page - IOGEAR

  GKB635W Datasheet HTML 1Page - IOGEAR GKB635W Datasheet HTML 2Page - IOGEAR  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Requirements
Computer / Device
1 USB port
Operating System**
Windows® 10, Windo
ws® 8.1, Windows®
8, Windows® 7,
Windows Vista®
Mac OS X v10.3.9 or
later
Package Contents
1 x 2.4GHz
Multimedia Keyboard
1 x USB RF Receiver
2 x AA Battery
1 x Quick Start Guide
1 x Warranty Card
Specifications
Function
GKB635W
Radio Frequency
2.4Ghz
Connectors
USB
RF Receiver
Power Switch
ON/OFF for power saving
Operating Range
Up to 35ft
Mouse Specs
Max Speed
600/1000/1600CPI
Battery Type
2 x AA Alkaline Battery (included)
Number of Channel
78
Housing
Case
Plastic
Warranty
1-Year
Operating System Support
Windows® 10, Windows® 8.1, Windows® 8,
Windows® 7; Mac OS X v10.3.9 or later
Dimensions
GKB635W
Unit Dimensions
Height
1.38 in
Depth
6.69 in
Length
12.36 in
Unit Package Dimensions
Width
13 in
Height
1.625 in
Depth
6.875 in
Master Carton
Width
13.75
Height
8 in
Depth
11 in
Master Carton Qty.
6
Weight
Master Carton Wt.
11.03 lb
Unit Pack Wt.
1.50lb
Unit Wt.
1.00 lb



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com