Electronic Components Datasheet Search
  English  ▼

X  

GSTYA100 Datasheet(PDF) 1 Page - IOGEAR

Part # GSTYA100
Description  PenScript??Active Stylus for Smartphones and Tablets
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IOGEAR [IOGEAR]
Direct Link  https://www.iogear.com/
Logo IOGEAR - IOGEAR

GSTYA100 Datasheet(HTML) 1 Page - IOGEAR

  GSTYA100 Datasheet HTML 1Page - IOGEAR GSTYA100 Datasheet HTML 2Page - IOGEAR GSTYA100 Datasheet HTML 3Page - IOGEAR  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GSTYA100
PenScript™ Active Stylus for
Smartphones and Tablets
Natural writing for smartphones and tablets
Active Stylus for Smartphones and Tablets
With today's ever-shifting transformation towards a paperless world, we rely more than ever on our electronic devices to carry out
daily activities such as sending emails, taking notes or running businesses. IOGEAR's PenScript™ Active Stylus sets out to redefine
the way we interact with our touchscreen and mobile devices.
Break free from the standard, large rubber tip stylusses, with the PenScript's precise 1.9mm POM tip:
Unparalleled accuracy
Glides effortlessly over glass displays
Actively responds to touch-detection
The sleek design with integrated rubberized grip fits naturally into the hand for comfort while you draw, write, and navigate through
your tablet or smartphone.
What is an Active Stylus?
An active stylus is an input device that allows the user to write or draw directly on a device's screen. It is usually used for precise
drawing, note-taking, annotating electronic documents or providing electronic signatures. Active styluses have evolved from older
inactive styluses that contain no electronic components and feature a large rubber conductive tip that lacks the accuracy and features
that an active stylus, such as the IOGEAR PenScript™ provides.
Precise 1.9mm tip with Power Tip Technology for smooth writing and
unparalleled accuracy
Anodized aluminum body for durability and premium feel
Works with virtually all smartphones and tablets*
Up to 12 hours of continual usage on a single AAA battery
Easy setup - no pairing or additional software needed
Great for artists, designers, students and businesses
Works with the most popular note-taking apps such as Evernote,
Paper by FiftyThree, Procreate, etc.
*GSTYA100 is compatible with iPad Pro only for S/N starting from
O84USSC100001


Similar Part No. - GSTYA100

ManufacturerPart #DatasheetDescription
logo
IOGEAR
GSTY103 IOGEAR-GSTY103 Datasheet
141Kb / 2P
Touch Point Stylus for Tablets and Smartphones
GSTY200 IOGEAR-GSTY200 Datasheet
126Kb / 2P
Accu-Tip Stylus for Tablets and Smartphones
More results

Similar Description - GSTYA100

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI7034 SILABS-SI7034 Datasheet
538Kb / 29P
Mobile smartphones and tablets
logo
Richtek Technology Corp...
RT4801H RICHTEK-RT4801H Datasheet
1Mb / 22P
Dual Output LCD Bias for Smartphones and Tablets
logo
OmniVision Technologies...
OV2281 OMNIVISION-OV2281 Datasheet
676Kb / 2P
Biometric Security for Next-Generation Smartphones, Tablets, and Notebooks
OV2685 OMNIVISION-OV2685 Datasheet
1Mb / 2P
Cost-Effective, Low-Power 2-Megapixel Sensors for Feature Phones, Smartphones and Tablets
OV2686 OMNIVISION-OV2686 Datasheet
4Mb / 2P
Cost-Effective, Low-Power 2-Megapixel Sensors for Feature Phones, Smartphones and Tablets
logo
Shenzhen Huazhimei Semi...
HM103D HMSEMI-HM103D Datasheet
954Kb / 11P
Chargers for smartphones, tablets, netbooks, digital cameras and Bluetooth accessories
logo
Kingston Technology Far...
DTDUO3G2 KINGSTON-DTDUO3G2 Datasheet
172Kb / 2P
Expanded storage for tablets and smartphones
logo
IOGEAR
GSTY103 IOGEAR-GSTY103 Datasheet
141Kb / 2P
Touch Point Stylus for Tablets and Smartphones
GSTY200 IOGEAR-GSTY200 Datasheet
126Kb / 2P
Accu-Tip Stylus for Tablets and Smartphones
logo
OmniVision Technologies...
OV5693 OMNIVISION-OV5693 Datasheet
2Mb / 2P
High-Performance 5-Megapixel Image Sensor for Front-Facing Cameras in Flagship Smartphones and Tablets
Version 1.1, October, 2015
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com