Electronic Components Datasheet Search
  English  ▼

X  

GUS404 Datasheet(PDF) 2 Page - IOGEAR

Part # GUS404
Description  4x4 USB 2.0 Peripheral Sharing Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IOGEAR [IOGEAR]
Direct Link  https://www.iogear.com/
Logo IOGEAR - IOGEAR

GUS404 Datasheet(HTML) 2 Page - IOGEAR

  GUS404 Datasheet HTML 1Page - IOGEAR GUS404 Datasheet HTML 2Page - IOGEAR  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Requirements
For PC Users
• Windows XP, Windows
Vista, Windows 7, Windows
8/8.1, 10
• Available USB 2.0 port
• Chrome Book
• Linux®, Unix and other
USB supported systems*
*Additional drivers and
support may be needed
For MAC Users
• Mac 8.6 or greater.
Requires OS X for USB 2.0
support
• Available USB 2.0 port
Package Contents
1 x 4x4 USB 2.0
Peripheral Sharing
Switch
1 x Quick Start Guide
1 x Warranty Card
Specifications
Function
GUS404
Dimensions
GUS404
POP Information
10'' Peg Hook
4
6'' Peg Hook
3
Unit Dimensions
Height
.98" (25mm)
Depth
3.23" (82mm)
Length
3.03" (77mm)
Unit Package Dimensions
Width
6.18" (157mm)
Height
8.77" (223mm)
Length
2.12" (55mm)
Master Carton
Width
7.87" (20cm)
Height
7.1" (18cm)
Depth
15" (38cm)
Master Carton Qty.
6
Weight
Master Carton Wt.
4.95lb (2.24kg)
Unit Pack Wt.
.74lbs (.34kg)
Unit Wt.
.48lb (.22kg)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com