| Electronic Components Datasheet Search |
|
SLMD960H09L Datasheet(PDF) 3 Page - IXYS Corporation |
|
|
|||||||||||||||||||||||||||||
SLMD960H09L Datasheet(HTML) 3 Page - IXYS Corporation |
|
3 / 6 page ![]() IXYS reserves the right to change limits, test conditions and dimensions © 2010 IXYS All rights reserved IXYS KOREA LTD. 3 IXYS Corporation A-dong #1106, Uspace 1, 660 Daewangpangyo-ro, 1590 Buckeye Drive, Milpitas, Bundang-gu, Seongnam-si, Gyeonggi-Do (Korea) CA 95035-7418, United States Phone +82-70-7113-0300, Fax +82-70-7113-0301 Rev. Aug. 2017 Phone (408) 457-9000, Fax 408-496-0670 Package front-side and back-side view. (dimensions in millimeters) Front-side View Back-side View Front-side View details Back-side View details Moisture Sensitivity, Soldering and Washing Information IXYS has characterized the moisture reflow sensitivity of the film laminated SolarMD. Moisture uptake from atmospheric humidity occurs by diffusion. During the soldering process to the electrode, the combination of moisture uptake and high temperature soldering may lead to moisture induced delamination and cracking of the component. To prevent this, this component must be handled with care in soldering. The film laminated SolarMD is not recommended for high temperature surface mount soldering reflow. SolarMD is encapsulated by the lamination with EVA and polymer film and thus excessively high temperatures soldering reflow is prohibited. Manual soldering is recommended with under 260 °C for 2 sec. IXYS does not recommend the use of chlorinated solvents for washing. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |