Electronic Components Datasheet Search
  English  ▼

X  

PI6C20400 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI6C20400
Description  1:4 Clock Driver for Intel PCI Express Chipsets
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C20400 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI6C20400 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C20400 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C20400 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C20400 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C20400 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C20400 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C20400 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C20400 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C20400 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
PS8744A
06/23/05
Features
• Four Pairs of Differential Clocks
• Low skew < 50ps
• Low jitter < 50ps
• Output Enable for all outputs
• Outputs tristate control via SMBus
• Power Management Control
• Programmable PLL Bandwidth
• PLL or Fanout operation
• 3.3V Operation
• Packaging:
- 28-Pin SSOP (H) & 28-Pin TSSOP (L)
- Pb-Free and Green Option (HE and LE)
PI6C20400
Description
Pericom Semiconductors PI6C20400 is a high-speed, low-noise
differential clock buffer designed to be companion to PI6C410B.
The device distributes the differential SRC clock from PI6C410B
to four differential pairs of clock outputs either with or without
PLL. The clock outputs are controlled by input selection of
SRC_STOP#, PWRDWN# and SMBus, SCLK and SDA. When
input of either SRC_STOP# or PWRDWN# is low, the output
clocks are Tristated. When PWRDWN# is low, the SDA and
SCLK inputs must be Tristated.
Block Diagram
1:4 Clock Driver for Intel
PCI Express Chipsets
Pin Configuration
VDD_A
VSS_A
IREF
OE_INV
VDD
OUT3
OUT3#
OE_3
OUT2
OUT2#
VDD
PLL_BW#
SRC_STOP#
PWRDWN#
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
VDD
SRC
SCR#
VSS
VDD
OUT0
OUT0#
OE_0
OUT1
OUT1#
VDD
PLL/BYPASS#
SCLK
SDA
OUT0
OUT0#
OUT0
OUT1#
OUT2
OUT2#
OUT3
OUT3#
DIV
Output
Control
SMBus
Controller
PLL
PLL_BW#
SRC
SRC#
PLL/BYPASS#
SCLK
SDA
OE_INV
OE_0 & OE_3
SRC_STOP#
PWRDWN#


Similar Part No. - PI6C20400

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C20400 PERICOM-PI6C20400 Datasheet
400Kb / 10P
1:4 Clock Driver for Intel PCI Express Chipsets
PI6C20400A PERICOM-PI6C20400A Datasheet
700Kb / 10P
1:4 Clock Driver for Intel PCIe Chipsets
PI6C20400AHE PERICOM-PI6C20400AHE Datasheet
700Kb / 10P
1:4 Clock Driver for Intel PCIe Chipsets
PI6C20400ALE PERICOM-PI6C20400ALE Datasheet
700Kb / 10P
1:4 Clock Driver for Intel PCIe Chipsets
PI6C20400B PERICOM-PI6C20400B Datasheet
876Kb / 11P
1 4 Clock Driver for Intel PCIe짰 3.0 Chipsets
More results

Similar Description - PI6C20400

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C410M PERICOM-PI6C410M Datasheet
928Kb / 21P
Clock Generator for Intel PCI Express Mobile Chipset
PI6C20800 PERICOM-PI6C20800 Datasheet
399Kb / 10P
1:8 Clock Driver for Intel PCI Express Chipsets
PI6C21200 PERICOM-PI6C21200 Datasheet
674Kb / 15P
1:12 Clock Driver for Intel PCI-Express Chipsets
PI6C20400 PERICOM-PI6C20400_08 Datasheet
400Kb / 10P
1:4 Clock Driver for Intel PCI Express Chipsets
PI6C20400B PERICOM-PI6C20400B Datasheet
876Kb / 11P
1 4 Clock Driver for Intel PCIe짰 3.0 Chipsets
PI6C20400S PERICOM-PI6C20400S Datasheet
465Kb / 10P
1 4 Clock Driver for Intel PCI Express Chipsets
PI6C21200AEX PERICOM-PI6C21200AEX Datasheet
444Kb / 14P
1 12 Clock Driver for Intel PCIe Chipsets
PI6C20400A PERICOM-PI6C20400A Datasheet
700Kb / 10P
1:4 Clock Driver for Intel PCIe Chipsets
PI6C20800 PERICOM-PI6C20800_12 Datasheet
596Kb / 10P
1:8 Clock Driver for Intel PCI Express Chipsets
PI6PCIEB24 PERICOM-PI6PCIEB24 Datasheet
639Kb / 7P
1:4 PCI Express Clock Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com