Electronic Components Datasheet Search
  English  ▼

X  

537656 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 537656
Description  Air preparation unit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

537656 Datasheet(HTML) 1 Page - Festo Corporation.

  537656 Datasheet HTML 1Page - Festo Corporation. 537656 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Air preparation unit
FRC-1/4-DB-7-MINI-H
Part number: 537656
Data sheet
Feature
Value
Size
Mini
Mini
Width
88 mm
Series
DB
Actuator lock
Rotary knob with detent
Mounting position
Vertical +/- 5°
Condensate drain
Semi-automatic
Structural design
Filter regulator air line lubricator
Grade of filtration
40 µm
Controller function
With secondary exhausting
With return flow function
Symbol
00991599
Pressure gauge
with pressure gauge
Operating pressure
0.15 MPa ... 1 MPa
Operating pressure
1.5 bar ... 10 bar
Pressure regulation range
0.5 bar ... 7 bar
Max. pressure hysteresis
0.5 bar
Standard nominal flow rate
≥650 l/min
Operating medium
Compressed air as per ISO 8573-1:2010 [-:-:-]
Inert gas
Approved oils
Festo special oil in 1 L container
Order reference: 152 811 OFSW-32
ARAL Vitam GF 32
BP Energol HLP 32
ESSO Nuto H 32
MOBIL DTE 24
SHELL Tellus Oil DO 32
Viscosity range 32mm²/s at 40 °C
Viscosity range 32 mm2/s (cSt) at 40 °C
Corrosion resistance class (CRC)
1 - Low corrosion stress
Air quality class at the output
Compressed air as per ISO 8573-1:2010 [7:8:-]
Inert gas
Temperature of medium
-5 °C ... 50 °C
Oil viscosity
ISO VG 32
Ambient temperature
-5 °C ... 50 °C
Product weight
300 g
Type of mounting
Optionally:
Line installation
With through-hole
With mounting bracket
2/10/22 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - 537656

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
537654 FESTO-537654 Datasheet
90Kb / 2P
Air preparation unit
2/10/22
537658 FESTO-537658 Datasheet
91Kb / 2P
Air preparation unit
2/10/22
More results

Similar Description - 537656

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
537658 FESTO-537658 Datasheet
91Kb / 2P
Air preparation unit
2/10/22
162753 FESTO-162753 Datasheet
85Kb / 1P
Air preparation unit
8/11/22
186510 FESTO-186510 Datasheet
89Kb / 1P
Air preparation unit
8/11/22
192649 FESTO-192649 Datasheet
83Kb / 1P
Air preparation unit
8/11/22
192658 FESTO-192658 Datasheet
86Kb / 1P
Air preparation unit
8/11/22
173883 FESTO-173883 Datasheet
87Kb / 1P
Air preparation unit
8/16/22
173885 FESTO-173885 Datasheet
87Kb / 1P
Air preparation unit
8/16/22
173891 FESTO-173891 Datasheet
86Kb / 1P
Air preparation unit
8/16/22
159589 FESTO-159589 Datasheet
87Kb / 1P
Air preparation unit
8/17/22
186504 FESTO-186504 Datasheet
86Kb / 1P
Air preparation unit
8/17/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com