Electronic Components Datasheet Search
  English  ▼

X  

ALD1105 Datasheet(PDF) 2 Page - Advanced Linear Devices

Part # ALD1105
Description  DUAL N-CHANNEL AND DUAL P-CHANNEL MATCHED PAIR MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD1105 Datasheet(HTML) 2 Page - Advanced Linear Devices

  ALD1105 Datasheet HTML 1Page - Advanced Linear Devices ALD1105 Datasheet HTML 2Page - Advanced Linear Devices ALD1105 Datasheet HTML 3Page - Advanced Linear Devices ALD1105 Datasheet HTML 4Page - Advanced Linear Devices ALD1105 Datasheet HTML 5Page - Advanced Linear Devices ALD1105 Datasheet HTML 6Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ALD1105
Advanced Linear Devices
2
ABSOLUTE MAXIMUM RATINGS
Drain-source voltage, VDS
13.2V
Gate-source voltage, VGS
13.2V
Power dissipation
500 mW
Operating temperature range
PB, SB package
0
°C to +70°C
DB package
-55
°C to +125°C
Storage temperature range
-65
°C to +150°C
Lead temperature, 10 seconds
+260
°C
Gate Threshold
VT
0.4
0.7
1.0
V
IDS = 1µA VGS = VDS
-0.4
-0.7
-1.0
V
IDS = -1µA VGS = VDS
Voltage
Offset Voltage
VOS
210
mV
IDS = 10µA VGS = VDS
210
mV
IDS = -10µA VGS = VDS
VGS1 - VGS2
Gate Threshold
Temperature
TCVT
-1.2
mV/
°C
-1.3
mV/
°C
Drift
On Drain
IDS (ON)
3
4.8
mA
VGS = VDS = 5V
-1.3
-2
mA
VGS = VDS = -5V
Current
Trans-.
Gfs
1
1.8
mmho
VDS = 5V IDS= 10mA
0.25
0.67
mmho
VDS = -5V IDS= -10mA
conductance
Mismatch
∆Gfs
0.5
%
0.5
%
Output
GOS
200
µmho
VDS = 5V IDS = 10mA
40
µmho
VDS = -5V IDS = -10mA
Conductance
Drain Source
RDS(ON)
350
500
Ω
VDS = 0.1V VGS = 5V
1200
1800
Ω
VDS = -0.1V VGS = -5V
ON Resistance
Drain Source
ON Resistance
∆RDS(ON)
0.5
%
VDS = 0.1V VGS = 5V
0.5
%
VDS = -0.1V VGS = -5V
Mismatch
Drain Source
Breakdown
BVDSS
12
V
IDS = 1µA VGS =0V
-12
V
IDS = -1µA VGS =0V
Voltage
Off Drain
IDS(OFF)
10
400
pA
VDS =12V IGS = 0V
10
400
pA
VDS = -12V VGS = 0V
Current
4
nA
TA = 125°C4
nA
TA = 125°C
Gate Leakage
IGSS
0.1
30
pA
VDS = 0V VGS =12V
1
30
pA
VDS = 0V VGS =-12V
Current
1
nA
TA = 125°C1
nA
TA = 125°C
Input
CISS
1
3
pF
1
3
pF
Capacitance
OPERATING ELECTRICAL CHARACTERISTICS
TA = 25°C unless otherwise specified
N - Channel
Test
P - Channel
Test
Parameter
Symbol Min
Typ
Max
Unit
Conditions
Min
Typ
Max
Unit
Conditions



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com