Electronic Components Datasheet Search
  English  ▼

X  

GWHDSTXB Datasheet(PDF) 2 Page - IOGEAR

Part # GWHDSTXB
Description  Long-Range Wireless Video Transmitter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IOGEAR [IOGEAR]
Direct Link  https://www.iogear.com/
Logo IOGEAR - IOGEAR

GWHDSTXB Datasheet(HTML) 2 Page - IOGEAR

  GWHDSTXB Datasheet HTML 1Page - IOGEAR GWHDSTXB Datasheet HTML 2Page - IOGEAR  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Requirements
Hardware:
For use with the
Wireless 5x2 HD
Matrix (Part#
GWHDMS52) or the
Wireless Video TV
Connection Kit for 1
TV (Part# GWHD11)
Display:
HDTV
Media Source:
HDMI Output
Connection
Package Contents
1 x Wireless Video
Transmitter
1 x Mini USB to USB
Cable
1 x Mini USB Power
Adapter
1 x Quick Start Guide
1 x Warranty Card
Specifications
Function
GWHDSTXB
Dimensions
GWHDSTXB
Unit Dimensions
Height
0.66" (1.68 cm)
Depth
1.19" (3.02 cm)
Length
3.25" (8.26 cm)
Unit Package Dimensions
Width
4.25" (10.8 cm)
Height
3.63" (9.22 cm)
Depth
2.93" (7.44 cm)
Master Carton
Width
16.02" (40.69 cm)
Height
13.88" (35.3 cm)
Depth
7.38" (18.7 cm)
Master Carton Qty.
24
Weight
Master Carton Wt.
14.05lbs (6.37kg)
Unit Pack Wt.
0.50lbs (0.23 kg)
Unit Wt.
0.05lbs (0.023kg)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com