Electronic Components Datasheet Search
  English  ▼

X  

ALD1105DB Datasheet(PDF) 1 Page - Advanced Linear Devices

Part # ALD1105DB
Description  DUAL N-CHANNEL AND DUAL P-CHANNEL MATCHED PAIR MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD1105DB Datasheet(HTML) 1 Page - Advanced Linear Devices

  ALD1105DB Datasheet HTML 1Page - Advanced Linear Devices ALD1105DB Datasheet HTML 2Page - Advanced Linear Devices ALD1105DB Datasheet HTML 3Page - Advanced Linear Devices ALD1105DB Datasheet HTML 4Page - Advanced Linear Devices ALD1105DB Datasheet HTML 5Page - Advanced Linear Devices ALD1105DB Datasheet HTML 6Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DUAL N-CHANNEL AND DUAL P-CHANNEL MATCHED PAIR MOSFET
GENERAL DESCRIPTION
The ALD1105 is a monolithic dual N-channel and dual P-channel
complementary matched transistor pair intended for a broad range of
analog applications.
These enhancement-mode transistors are
manufactured with Advanced Linear Devices' enhanced ACMOS silicon
gate CMOS process. It consists of an ALD1116 N-channel MOSFET pair
and an ALD1117 P-channel MOSFET pair in one package. The ALD1105
is a low drain current, low leakage current version of the ALD1103.
The ALD1105 offers high input impedance and negative current temperature
coefficient. The transistor pair is matched for minimum offset voltage and
differential thermal response, and it is designed for precision signal
switching and amplifying applications in +1V to +12V systems where low
input bias current, low input capacitance and fast switching speed are
desired. Since these are MOSFET devices, they feature very large (almost
infinite) current gain in a low frequency, or near DC, operating environment.
When used in complementary pairs, a dual CMOS analog switch can be
constructed. In addition, the ALD1105 is intended as a building block for
differential amplifier input stages, transmission gates, and multiplexer
applications.
The ALD1105 is suitable for use in precision applications which require
very high current gain, beta, such as current mirrors and current sources.
The high input impedance and the high DC current gain of the field effect
transistors result in extremely low current loss through the control gate. The
DC current gain is limited by the gate input leakage current, which is
specified at 30pA at room temperature. For example, DC beta of the device
at a drain current of 3mA at 25
°C is = 3mA/30pA = 100,000,000.
FEATURES
• Thermal tracking between N-channel and P-channel pairs
• Low threshold voltage of 0.7V for both N-channel &
P-channel MOSFETs
• Low input capacitance
• Low Vos -- 10mV
• High input impedance -- 1013
Ω typical
• Low input and output leakage currents
• Negative current (IDS) temperature coefficient
• Enhancement mode (normally off)
• DC current gain 109
• Matched N-channel pair and matched P-channel pair in one package
ALD1105
ADVANCED
LINEAR
DEVICES, INC.
PIN CONFIGURATION
APPLICATIONS
• Precision current mirrors
• Complementary push-pull linear drives
• Discrete Analog switches
• Analog signal Choppers
• Differential amplifier input stage
• Voltage comparator
• Data converters
• Sample and Hold
• Analog current inverter
• Precision matched current sources
DN2
GN2
SN2
GP2
SP2
GN1
SN1
DP1
GP1
1
2
3
4
DB, PB, SB PACKAGE
5
6
7
8
9
10
11
12
13
14
DN1
V+
V-
DP2
SP1
BLOCK DIAGRAM
N SOURCE 1 (3)
SUBSTRATE (4)
N SOURCE 2 (12)
N GATE 2 (13)
N DRAIN 1 (1)
N GATE 1 (2)
N DRAIN 2 (14)
P SOURCE 1 (7)
SUBSTRATE (11)
P SOURCE 2 (8)
P GATE 2 (9)
P DRAIN 1 (5)
P GATE 1 (6)
P DRAIN 2 (10)
Operating Temperature Range*
-55
°C to +125°C0°C to +70°C0°C to +70°C
14-Pin
14-Pin
14-Pin
CERDIP
Plastic Dip
SOIC
Package
Package
Package
ALD1105 DB
ALD1105 PB
ALD1105 SB
* Contact factory for industrial temperature range.
ORDERING INFORMATION
© 2005 Advanced Linear Devices, Inc. 415 Tasman Drive, Sunnyvale, California 94089 -1706 Tel: (408) 747-1155 Fax: (408) 747-1286 http://www.aldinc.com


Similar Part No. - ALD1105DB

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1105DB ALD-ALD1105DB Datasheet
101Kb / 9P
DUAL N-CHANNEL AND DUAL P-CHANNEL MATCHED MOSFET PAIR
More results

Similar Description - ALD1105DB

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1102 ALD-ALD1102 Datasheet
27Kb / 4P
DUAL P-CHANNEL MATCHED MOSFET PAIR
1998
ALD1103 ALD-ALD1103 Datasheet
68Kb / 6P
DUAL N-CHANNEL AND DUAL P-CHANNEL MATCHED MOSFET PAIR
ALD1102 ALD-ALD1102_12 Datasheet
62Kb / 6P
DUAL P-CHANNEL MATCHED MOSFET PAIR
ALD1103 ALD-ALD1103_12 Datasheet
101Kb / 9P
DUAL N-CHANNEL AND DUAL P-CHANNEL MATCHED MOSFET PAIR
ALD1105 ALD-ALD1105_12 Datasheet
101Kb / 9P
DUAL N-CHANNEL AND DUAL P-CHANNEL MATCHED MOSFET PAIR
ALD1103 ALD-ALD1103_16 Datasheet
93Kb / 9P
DUAL N-CHANNEL AND DUAL P-CHANNEL MATCHED MOSFET PAIR
logo
ADL Embedded Solutions
ALD1101A ADL-ALD1101A Datasheet
66Kb / 7P
DUAL N-CHANNEL MATCHED MOSFET PAIR
2021
ALD1102A ADL-ALD1102A Datasheet
67Kb / 7P
DUAL P-CHANNEL MATCHED MOSFET PAIR
2021
ALD1103 ADL-ALD1103 Datasheet
77Kb / 8P
DUAL N-CHANNEL AND DUAL P-CHANNEL MATCHED MOSFET PAIR
2021
ALD1105 ADL-ALD1105 Datasheet
77Kb / 8P
DUAL N-CHANNEL AND DUAL P-CHANNEL MATCHED MOSFET PAIR
2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com