Electronic Components Datasheet Search
  English  ▼

X  

GWSSKIT Datasheet(PDF) 2 Page - IOGEAR

Part # GWSSKIT
Description  Wireless Screen Sharing and Miracast
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IOGEAR [IOGEAR]
Direct Link  https://www.iogear.com/
Logo IOGEAR - IOGEAR

GWSSKIT Datasheet(HTML) 2 Page - IOGEAR

  GWSSKIT Datasheet HTML 1Page - IOGEAR GWSSKIT Datasheet HTML 2Page - IOGEAR GWSSKIT Datasheet HTML 3Page - IOGEAR  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Requirements
PC (Minimum
Requirements)
Intel® 2.4GHz dual-
core / AMD® 3.0GHz
dual-core or better
processor
4GB or more of
system memory
(RAM)
Available USB port
Windows® 7,
Windows® 8.1,
Windows® 10
Display
HDTV or Projector
with HDMI port
Smartphones/Tablet
s
Wi-Fi Miracast™
certified
Android 4.2 or higher
Windows® 10 or
higher
Package Contents
1 x Wireless A/V
Receiver
1 x Wireless USB
Transmitter
1 x Power Adapter
1 x Micro USB Power
Cable
1 x Standard HDMI
Cable
1 x Installation CD
1 x Quick Start Guide
1 x Warranty Card



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com