Electronic Components Datasheet Search
  English  ▼

X  

ALD1103 Datasheet(PDF) 3 Page - Advanced Linear Devices

Part # ALD1103
Description  DUAL N-CHANNEL AND DUAL P-CHANNEL MATCHED PAIR MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD1103 Datasheet(HTML) 3 Page - Advanced Linear Devices

  ALD1103 Datasheet HTML 1Page - Advanced Linear Devices ALD1103 Datasheet HTML 2Page - Advanced Linear Devices ALD1103 Datasheet HTML 3Page - Advanced Linear Devices ALD1103 Datasheet HTML 4Page - Advanced Linear Devices ALD1103 Datasheet HTML 5Page - Advanced Linear Devices ALD1103 Datasheet HTML 6Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ALD1105
Advanced Linear Devices
3
P- CHANNEL TYPICAL PERFORMANCE CHARACTERISTICS
OUTPUT CHARACTERISTICS
DRAIN SOURCE VOLTAGE (V)
-10
-7.5
-5.0
-2.5
0
VBS = 0V
TA = 25°C
-10V
-8V
-6V
-4V
-2V
0-8
-2
-6
-4
-10
-12
VGS = -12V
LOW VOLTAGE OUTPUT
CHARACTERISTICS
DRAIN SOURCE VOLTAGE (mV)
-320
-160
0
160
320
-500
500
250
0
-250
-4V
VGS = -12V
-6V
VBS = 0V
TA = 25°C
-2V
-12
FORWARD TRANSCONDUCTANCE
vs. DRAIN SOURCE VOLTAGE
DRAIN SOURCE VOLTAGE (V)
0-8
-2
-6
-4
-10
1.0
0.5
0.2
0.1
0.05
0.02
0.01
VBS = 0V
f = 1KHz
IDS = -5mA
TA = +125°C
TA = +25°C
IDS = -1mA
TRANSFER CHARACTERISTIC
WITH SUBSTRATE BIAS
GATE SOURCE VOLTAGE (V)
0
-0.8
-1.6
-2.4
-3.2
-4.0
-20
-15
-10
-5
0
VBS = 0V
4V
6V
8V
10V
12V
VGS = VDS
TA = 25°C
2V
GATE SOURCE VOLTAGE (V)
DRAIN SOURCE ON RESISTANCE
RDS (ON) vs. GATE SOURCE VOLTAGE
100
10
1
0.1
-2
0
-4
-6
-8
-10
-12
VDS = 0.4V
VBS = 0V
TA = +125°C
TA = +25°C
OFF DRAIN CURRENT vs.
AMBIENT TEMPERATURE
AMBIENT TEMPERATURE (
°C)
-50
-25
+25
+50
+75
+125
+100
0
VDS = -12V
VGS = VBS = 0V
1
10
100
1000



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com