Electronic Components Datasheet Search
  English  ▼

X  

ALD2702ASA Datasheet(PDF) 1 Page - Advanced Linear Devices

Part # ALD2702ASA
Description  DUAL 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD2702ASA Datasheet(HTML) 1 Page - Advanced Linear Devices

  ALD2702ASA Datasheet HTML 1Page - Advanced Linear Devices ALD2702ASA Datasheet HTML 2Page - Advanced Linear Devices ALD2702ASA Datasheet HTML 3Page - Advanced Linear Devices ALD2702ASA Datasheet HTML 4Page - Advanced Linear Devices ALD2702ASA Datasheet HTML 5Page - Advanced Linear Devices ALD2702ASA Datasheet HTML 6Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
APPLICATIONS
• Voltage follower/buffer
• Charge integrator
• Photodiode amplifier
• Data acquisition systems
• High performance portable instruments
• Signal conditioning circuits
• Sensor and transducer amplifiers
• Low leakage amplifiers
• Active filters
• Sample/Hold amplifier
• Picoammeter
• Current to voltage converter
• Coaxial cable driver
DUAL 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ADVANCED
LINEAR
DEVICES, INC.
ALD2702A/ALD2702B
ALD2702
GENERAL DESCRIPTION
The ALD2702 is a dual monolithic operational amplifier intended primarily
for a wide range of analog applications in +5V single power supply and
±5V
dual power supply systems as well as +4V to +12V battery operated
systems. All device characteristics are specified for +5V single supply or
±2.5V dual supply systems. The device has an input stage that operates to
+300mV above and -300mV below the supply voltages with no adverse
effects and/or phase reversals. It offers popular industry pin configuration.
The ALD2702 has been developed specifically with the +5V single supply
or
±2.5V dual supply user in mind. Several important characteristics of the
device make many applications easy to implement for these supply
voltages. First, the operational amplifier can operate with rail to rail input
and output voltages. This feature allows numerous analog serial stages to
be implemented without losing operating voltage margin. Secondly, the
device was designed to accommodate mixed applications where digital
and analog circuits may work off the same 5V power supply. Thirdly, the
output stage can drive up to 400pF capacitive and 5K
Ω resistive loads in
non-inverting unity gain connection and double the capacitance in the
inverting unity gain mode.
These features, coupled with extremely low input currents, high voltage
gain, useful bandwidth of 1.5MHz, a slew rate of 1.9V/
µs, low power
dissipation, low offset voltage and temperature drift, make the ALD2702 a
truly versatile, user friendly, operational amplifier.
The ALD2702 is designed and fabricated with silicon gate CMOS technology,
and offers less than 1pA typical input bias current. On-chip offset voltage
trimming allows the device to be used without nulling in most applications.
The device offers typical offset drift of less than 7
µV/°C which eliminates
many trim or temperature compensation circuits. For precision applications,
the ALD2702 is designed to settle to 0.01% in 8
µs.
FEATURES
• Rail-to-rail input and output voltage range
• Symmetrical push-pull class AB output
drivers
• All parameters specified for +5V single
supply or
±2.5V dual supply systems
• High load capacitance capability -- drives
up to 4000pF typical
• No frequency compensation required --
unity gain stable
• Extremely low input bias currents --
<1.0pA typical
• Ideal for high source impedance applications
• Dual power supply
±2.5V to ±6V operation
• Single power supply +5V to +12V operation
• High voltage gain -- typically 85V/mV
@
±2.5V and 250V/mV @ ±5.0V
• Drive as low as 2K
Ω load with 5mA
drive current
• Output short circuit protected
• Unity gain bandwidth of 1.5MHz
• Slew rate of 1.9V/
µs
• Low power dissipation
ORDERING INFORMATION
Operating Temperature Range *
-55
°C to +125°C0°C to +70°C0°C to +70°C
8-Pin
8-Pin
8-Pin
CERDIP
Small Outline
Plastic Dip
Package
Package (SOIC)
Package
ALD2702A DA
ALD2702A SA
ALD2702A PA
ALD2702B DA
ALD2702B SA
ALD2702B PA
ALD2702 DA
ALD2702 SA
ALD2702 PA
* Contact factory for industrial temperature range
PIN CONFIGURATION
1
2
3
4
8
7
6
5
TOP VIEW
DA, PA, SA PACKAGE
OUT A
-IN A
+IN A
V+
-IN B
+IN B
V -
OUT B
© 1998 Advanced Linear Devices, Inc. 415 Tasman Drive, Sunnyvale, California 94089 -1706 Tel: (408) 747-1155 Fax: (408) 747-1286 http://www.aldinc.com


Similar Part No. - ALD2702ASA

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD2702ASA ALD-ALD2702ASA Datasheet
52Kb / 6P
DUAL RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD2702ASAL ALD-ALD2702ASAL Datasheet
80Kb / 9P
DUAL 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
More results

Similar Description - ALD2702ASA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8698 AD-AD8698 Datasheet
317Kb / 20P
Dual Precision, Rail-to-Rail Output Operational Amplifier
4/04-Revision 0
logo
Advanced Linear Devices
ALD1702A ALD-ALD1702A Datasheet
45Kb / 6P
5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD4702 ALD-ALD4702 Datasheet
59Kb / 6P
QUAD 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD1712A ALD-ALD1712A_05 Datasheet
49Kb / 6P
RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD1702A ALD-ALD1702A_10 Datasheet
81Kb / 9P
5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD1712 ALD-ALD1712_10 Datasheet
85Kb / 9P
RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD2702 ALD-ALD2702_10 Datasheet
80Kb / 9P
DUAL 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD4702 ALD-ALD4702_10 Datasheet
82Kb / 9P
QUAD 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
logo
ADL Embedded Solutions
ALD1702A ADL-ALD1702A Datasheet
81Kb / 9P
5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
2010
logo
Advanced Linear Devices
ALD4702A ALD-ALD4702A_V01 Datasheet
86Kb / 9P
QUAD 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
2018
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com