Electronic Components Datasheet Search
  English  ▼

X  

DA22 Datasheet(PDF) 2 Page - Schurter Inc.

Part # DA22
Description  IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, for PCB Mounting
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

DA22 Datasheet(HTML) 2 Page - Schurter Inc.

  DA22 Datasheet HTML 1Page - Schurter Inc. DA22 Datasheet HTML 2Page - Schurter Inc. DA22 Datasheet HTML 3Page - Schurter Inc. DA22 Datasheet HTML 4Page - Schurter Inc. DA22 Datasheet HTML 5Page - Schurter Inc. DA22 Datasheet HTML 6Page - Schurter Inc. DA22 Datasheet HTML 7Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Power Entry Modules with Line Filter
DA22
https://www.schurter.com /PG06
EMC Products
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
SCHURTER products are designed for use in industrial environments. They have approvals from independent testing bodies according to national
and international standards. Products with specific characteristics and requirements such as required in the automotive sector according to IATF
16949, medical technology according to ISO 13485 or in the aerospace industry can be offered exclusively with customer-specific, individual agree-
ments by SCHURTER.
Approvals
The approval mark is used by the testing authorities to certify compliance with the safety requirements placed on electronic products.
Approval Reference Type: DA22
Approval Logo
Certificates
Certification Body
Description
VDE Approvals
VDE
Certificate Number: 40001522
UL Approvals
UL
UL File Number: E72928
Product standards
Product standards that are referenced
Organization
Design
Standard
Description
Designed according to
IEC 60320-1
Appliance couplers for household and similar general purposes
Designed according to
IEC 60939
Passive filters for suppressing electromagnetic interference
Designed according to
IEC 60127-6
Miniature fuses. Part 6. Fuse-holders for miniature fuse-links
Designed according to
IEC 61058-1
Switches for appliances. Part 1. General requirements
Designed according to
UL 498
Standard for Attachment Plugs and Receptacles
Designed according to
UL 1283
Electromagnetic interference filters
Designed according to
CSA C22.2 no. 42
General Use Receptacles, Attachment Plugs, and Similar Wiring Devices
Designed according to
CSA C22.2 no. 8
Electromagnetic interference (EMI) filters
Application standards
Application standards where the product can be used
Organization
Design
Standard
Description
Designed for applications acc.
IEC/UL 62368-1
Audio/video, information and communication technology equipment - Part
1: Safety requirements
Designed for applications acc.
IEC 60601-1
Medical electrical equipment - Part 1: General requirements for basic
safety and essential performance
Designed for applications acc.
IEC 60335-1
Safety of electrical appliances for household and similar purposes. Meets
the requirements for appliances in unattended use. This includes the
enhanced requirements of glow wire tests acc. to IEC 60695-2-11 or -12
& -13.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com